Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV101 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV101
Description  CMOS 80 MHz, Triple 8-Bit Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV101 Datasheet(HTML) 5 Page - Analog Devices

  ADV101_15 Datasheet HTML 1Page - Analog Devices ADV101_15 Datasheet HTML 2Page - Analog Devices ADV101_15 Datasheet HTML 3Page - Analog Devices ADV101_15 Datasheet HTML 4Page - Analog Devices ADV101_15 Datasheet HTML 5Page - Analog Devices ADV101_15 Datasheet HTML 6Page - Analog Devices ADV101_15 Datasheet HTML 7Page - Analog Devices ADV101_15 Datasheet HTML 8Page - Analog Devices ADV101_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADV101
–5–
REV. B
PIN FUNCTION DESCRIPTION
Pin
Mnemonic
Function
BLANK
Composite blank control input (TTL compatible). A logic zero on this control input drives the analog outputs,
IOR, IOB and IOG, to the blanking level. The BLANK signal is latched on the rising edge of CLOCK. While
BLANK
is a logical zero, the R0–R7, G0–G7, R0–R7 and REF WHITE pixel and control inputs are ignored.
SYNC
Composite sync control input (TTL compatible). A logical zero on the SYNC input; switches off a 40 IRE cur-
rent source on the ISYNC output. SYNC does not override any other control or data input, therefore, it should
only be asserted during the blanking interval. SYNC is latched on the rising edge of CLOCK.
CLOCK
Clock input (TTL compatible). The rising edge of CLOCK latches the R0–R7, G0–G7, B0–B7, SYNC,
BLANK
and REF WHITE pixel and control inputs. It is typically the pixel clock rate of the video system.
CLOCK should be driven by a dedicated TTL buffer.
REF WHITE
Reference white control input (TTL compatible). A logical one on this input forces the IOR, IOG and IOB out-
puts to the white level, regardless of the pixel input data (R0–R7, G0–G7 and B0–B7) REF WHITE is latched
on the rising edge of clock.
R0–R7,
Red, green and blue pixel data inputs (TTL compatible). Pixel data is latched on the rising edge of CLOCK. R0,
G0–G7,
G0 and B0 are the least significant data bits. Unused pixel data inputs should be connected to either the regular
B0–B7
PCB power or ground plane.
IOR, IOG, IOB
Red, green and blue current outputs. These high impedance current sources are capable of directly driving a
doubly terminated 75
Ω coaxial cable. All three current outputs should have similar output loads whether or not
they are all being used.
ISYNC
Sync current output. This high impedance current source can be directly connected to the IOG output. This al-
lows sync information to be encoded onto the green channel. ISYNC does not output any current while SYNC is
at logical zero. The amount of current output at ISYNC while SYNC is at logical one is given by:
ISYNC (mA) = 3,455
× V
REF (V)/RSET (
Ω)
If sync information is not required on the green channel, ISYNC should be connected to AGND.
FS ADJUST
Full-scale adjust control. A resistor (RSET) connected between this pin and GND, controls the magnitude of the
full-scale video signal. Note that the IRE relationships are maintained, regardless of the full-scale output current.
The relationship between RSET and the full-scale output current on IOG (assuming ISYNC is connected to IOG)
is given by:
RSET (
Ω) = 12,082 × V
REF (V)/IOG (mA)
The relationship between RSET and the full-scale output current on IOR and IOB is given by:
IOR, IOB (mA) = 8,628
× V
REF (V)/ RSET (
Ω)
COMP
Compensation pin. This is a compensation pin for the internal reference amplifier. A 0.1
µF ceramic capacitor
must be connected between COMP and VAA.
VREF
Voltage reference input. An external 1.2 V voltage reference must be connected to this pin. The use of an exter-
nal resistor divider network is not recommended. A 0.1
µF decoupling ceramic capacitor should be connected
between VREF and VAA.
VAA
Analog power supply (5 V
± 5%). All V
AA pins on the ADV101 must be connected.
GND
Ground. All GND pins must be connected.
OBSOLETE


Similar Part No. - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101KN30 AD-ADV101KN30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN50 AD-ADV101KN50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KN80 AD-ADV101KN80 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP30 AD-ADV101KP30 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101KP50 AD-ADV101KP50 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results

Similar Description - ADV101_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7128 AD-ADV7128_15 Datasheet
139Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com