Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MO280-KH2 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # MO280-KH2
Description  Home Inspector Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MO280-KH2 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  MO280-KH2 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Information:
MO280-KH2 ..Home Inspector Kit
Specifications subject to change without notice.
Copyright © 2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/26/09 - R1
Kit includes:
Model MO280 Pinless moisture meter
- Select from 10 different wood types
- Displays %moisture from 0 to 99%
- Measurement depth to 0.75” (22mm) below the surface
Model 42500 Mini IR Thermometer
- Ideal for testing HVAC supply and return applications
- Measures from -4 to 500°F (-20 to 260°C)
- Built-in laser pointer improves aim and identifies target
- 0.95 fixed emissivity with 6:1 distance to target ratio
Model 39240 Waterproof Stem Thermometer
- Ideal for testing hot water heaters
- Measures from -40 to 392°F (-40 to 200°C)
- 2.75" (70mm) stainless steel stem
Supplied in an attractive storage case that provides protection
and organization for the testers whenever they are needed
Specifically designed for home inspection professionals
Aids in identification of moisture, HVAC, and hot water system issues.
Home Inspector Kit
Measure moisture of wall material with non-invasive
Pinless technology


Similar Part No. - MO280-KH2

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO280-KH EXTECH-MO280-KH Datasheet
235Kb / 1P
Home Inspector Kit
More results

Similar Description - MO280-KH2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
Home automation modem
1999 May 31
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
HOME AUTOMATION MODEM
June 1995
logo
Sony Corporation
DAV-SB100 SONY-DAV-SB100 Datasheet
117Kb / 2P
Ensemble Home Cinema
logo
AVX Corporation
009286002021106 AVX-009286002021106 Datasheet
1Mb / 9P
POKE HOME
logo
Extech Instruments Corp...
MO280-KH EXTECH-MO280-KH Datasheet
235Kb / 1P
Home Inspector Kit
logo
Amphenol Corporation
AAS-920-086C AMPHENOL-AAS-920-086C Datasheet
298Kb / 4P
Home inspectors
logo
EXCEL CELL ELECTRONIC C...
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
HOME APPLICATION RELAY
logo
IOGEAR
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
Whole-Home Powerline Wi-Fi Kit
GHDSW4KIT IOGEAR-GHDSW4KIT Datasheet
163Kb / 3P
4-Port Home Entertainment Starter Kit, 4 HDMI Inputs - 1 HDMI Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com