Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9159CM-14 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159CM-14
Description  Frequency Generator and Integrated Buffer for PENTIUM?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159CM-14 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159CM-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159C-14
Frequency Generator and Integrated Buffer for PENTIUM™
ICS9159C-14RevC062397P
Block Diagram
The ICS9159C-14 generates all clocks required for high
speed RISC or CISC microprocessor systems such as 486,
Pentium, PowerPC,
™ etc. Four different reference frequency
multiply-ing factors are externally selectable with smooth
frequency transitions. These multiplying factors can be
customized for specific applications. It has a TURBO pin
that can speed up the 60 and 66.6 MHz clocks by 2.5%.
High drive BCLK outputs provide typically greater than 1V/
ns slew rate into 30pF loads. PCLK outputs provide typically
better than 1V/ns slew rate into 20pF loads while maintaining
50±5% duty cycle.
Generates up to four processor and six bus clocks,
plus disk, USB and reference clocks
Synchronous clocks skew matched to 250ps window
on PCLKs and 500ps window on BCLKs
TURBO input pin that can speed up the 60 and
66.6 MHz PCLKs by 2.5%.
2.5V or 3.3V output: PCLK (0:3)
3.0V - 5.5V supply range
28-pin SOIC package
Pentium is a trademark of Intel Corporation.
PowerPC is a trademark of Motorola Corporation.
Pin Cnfiguration
28-Pin SOIC
Functionality
PCLK(0:3)
BCLK(0:5)
USB
DISK
VCO/2
PCLK/2
48 MHz
24 MHz
All frequencies in MHz, assuming 14.318 MHz input.
TURBO
FS1
FS0
X1, REF
(MHz)
PCLK
(MHz)
1
0
0
14.318
50
1
0
1
14.318
66.8
1
1
0
14.318
60
1
1
1
14.318
55
0
0
0
14.318
83.3
0
0
1
14.318
68.4
0
1
0
14.318
61.6
0
1
1
14.318
75
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9159CM-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9159C-02CW28 ICST-ICS9159C-02CW28 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
More results

Similar Description - ICS9159CM-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
Frequency Generator and Integrated Buffer
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
Frequency Generator and Integrated Buffer
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com