Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9159CM-14 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159CM-14
Description  Frequency Generator and Integrated Buffer for PENTIUM?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159CM-14 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159CM-14 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159CM-14 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9159C-14
Pin Descriptions
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 26
VDD
PWR
Power for logic and fixed frequency output buffers.
2X1
IN
XTAL or external reference frequency input. This input includes
XTAL load capacitance and feedback bias for a 12 - 16 MHz crystal,
nominally 14.31818 MHz.
3
X2
OUT
XTAL output which includes XTAL load capacitance.
4, 11, 17, 23
VSS
PWR
Ground
5
TURBO
IN
Speeds up the 60 and 66.6 MHz by 2.5% (see functionality table). It
has an internal pull-up resistor.
6, 7, 9, 10
PCLK(0:3)
OUT
Processor clock outputs which are a multiple of the input reference
frequency as shown in the table above.
8VDD2
PWR
Power for PCLK output buffers only. This VDD supply can be reduced
to 2.5V for PCLK (0:3) outputs.
13, 12
FS(0:1)
IN
Frequency multiplier select pins. See table above. These inputs have
internal pull-up devices.
14, 20
VDD
PWR
Power for BCLK output buffers.
15, 16, 18
19, 21, 22
BCLK(0:5)
OUT
Busclock outputs are fixed at one half the PCLK frequency.
24
DISK
OUT
The DISK controller clock is fixed at 24 MHz
(with 14.318 MHZ input)
25
USB
OUT
The USB clock is fixed at 48 MHz (with 14.318 MHz input).
28, 27
REF(0:1)
OUT
REF is a buffered copy of the crystal oscillator or reference input
clock, nominally 14.31818 MHz.


Similar Part No. - ICS9159CM-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9159C-02CW28 ICST-ICS9159C-02CW28 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
More results

Similar Description - ICS9159CM-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
logo
Integrated Circuit Syst...
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
Frequency Generator and Integrated Buffer
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
Frequency Generator and Integrated Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com