Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHL10U Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FHL10U
Description  Military Fuseholders Panel Mount-Lamp Indicating
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FHL10U Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FHL10U Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Military Fuseholders
FHL10U
Panel Mount-Lamp Indicating
HGA-C
Form No. FHL10U
Page 1 of 1
BIF Doc #2134
Bussmann®
12-17-98
SB98107
Rev. A
CATALOG SYMBOL: FHL10U
LAMP INDICATING
MEETS MILITARY SPECIFICATION - MIL-F-19207/1
NO AGENCY LISTINGS
FOR MILITARY 1/4” x 1-1/4” FUSES:
F02 AND F03 SERIE
COMMERCIAL EQUIVALENT: HGA-C
Drilled Mounting Hole
Dimensional Tolerance + 0.005" (0.13 mm)
1.81"
(46.0mm)
1.19"
(30.2mm)
.81"
(20.6mm)
3.88"
(98.4mm)
.433"
(11.0mm)
.800"
(20.3mm)
.516"
(13.1mm)
.469"
(11.9mm)
.938"
(23.8mm)
.109" RAD.
(2.8mm)
.105" RAD.
(2.67mm)
.156" DIA. + .002"
(4.0mm + .05mm)
.437" RAD.
(11.0mm)
.974"
(24.7mm)
.400"
(10.2mm)
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
Dimensional Data
Specifications
Knob
Clear transparent bayonet type (fuses mount in fuse
clips of a fuse carrier)
Terminals
Threaded stud type; tooth lockwashers and hex nuts.
Enclosure
Unsealed—(FHL10U) IAW MIL-STD-108.
Panel Thickness
0.125 Max.
Rating
30 amperes. 90—250 volts.
Resistor
120,000 ohms.
Body Material
Grey; meets MIL-M-14; fire retardent IAW MIL-STD-454.
Fuse
Style MIL-F-15160 F02, F03 and MIL-F-23419/9 FM09.
Qualified and tested per MIL-F-19207. Group A, B and C.
Mechanical
MIL-STD-202. Method I.
Shock
Terminal Strength
20 lbs.
Torque
15 lbs.-inch.


Similar Part No. - FHL10U

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FHL10U COOPER-FHL10U Datasheet
58Kb / 1P
Military Fuseholders Panel Mount-Lamp Indicating
More results

Similar Description - FHL10U

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCFH14 DUBILIER-DBCFH14 Datasheet
100Kb / 1P
FUSEHOLDERS PANEL MOUNTING FUSEHOLDERS
logo
Littelfuse
05720007L LITTELFUSE-05720007L Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
05720028LXP LITTELFUSE-05720028LXP Datasheet
470Kb / 1P
571 & 572 Series panel-mount fuseholders
logo
Cooper Bussmann, Inc.
HLS-06 COOPER-HLS-06 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
HGA-CR COOPER-HGA-CR Datasheet
58Kb / 1P
Military Fuseholders Panel Mount-Lamp Indicating
FHL12U COOPER-FHL12U Datasheet
51Kb / 1P
Military Fuseholders Panel Mount-Lamp Indicating
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
Eaton All Rights Reserv...
HKL EATON-HKL Datasheet
204Kb / 1P
Panel-mount indicating fuse holder
logo
Littelfuse
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com