Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45170 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 45170
Description  Environmental Meter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

45170 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  45170_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
9/17/14 - R1
Rugged 4-in-1 Environmental Meter
Measures Humidity, Temperature, Air Velocity and Light
Environmental Meter
Ordering Information:
45170 ........Environmental Meter
TP870 ........Type K Bead Wire Thermocouple
409992 ......Vinyl Pouch Carrying Case
Features:
Ergonomic pocket size housing with large dual LCD simultaneous
display of Temperature and Air Velocity or Relative Humidity
Characters on display reverse direction depending on
Hygro-Thermo-Anemometer or Light Mode
Data Hold to freeze the displayed value
Records Min/Max readings
Built-in low friction vane wheel improves accuracy of air velocity in
ft/min, MPH, m/s, km/h, and Knots
Built-in precision thin-film capacitance humidity sensor for fast response
Built in thermistor for ambient temperature measurements
Type K input measures Temperature to 2372°F (1300°C) using
optional Type K probe
Utilizes precision photo diode and color correction filter
Cosine and color corrected light measurements
Defaults to last function when powered off
Auto power off 10 minutes after last key is pressed with disable feature
Low Battery and overrange indication
Complete with built-in Humidity sensor, Light sensor and Vane wheel,
wrist strap, and 9V battery; Optional Type K thermocouple probe
Measurements
Range
Resolution
Basic Accuracy
Air Velocity
ft/min
80 to 5910 ft/min
10ft/min
±3% FS
m/s
0.4 to 30m/s
0.1m/s
±3% FS
km/h
1.4 to 108km/h
0.1km/h
±3% FS
MPH
0.9 to 67MPH
0.1MPH
±3% FS
knots
0.8 to 58.3 knots
0.1knots
±3% FS
Light
Foot Candles (Fc)
0 to 1860Fc
0.1Fc
±(5% rdg + 8 digits)
Lux
0 to 20,000Lux
1Lux
±(5% rdg + 8 digits)
Relative Humidity
10 to 95%RH
0.1%RH
±4%RH of rdg
Temperature (Thermistor)
32 to 122°F (0 to 50°C)
0.1°
±2.5°F (1.2°C)
Temperature (Type K)
-148°F to 2372°F (-100°C to 1300°C)
0.1°
±(1%+2°F)/(1%+1°C) of rdg
Dimensions
Meter: 6.1 x 2.4 x 1.3" (156 x 60 x 33mm); Vane: 1.2" (31mm)
Weight
5oz (160g)


Similar Part No. - 45170_15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
45170/15 ALPHAWIRE-45170/15 Datasheet
98Kb / 4P
Customer SpecificationS
12/5/2022
More results

Similar Description - 45170_15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
Environmental Backshells
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
Environmental Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
Environmental Backshells
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
Environmental Backshells
logo
List of Unclassifed Man...
HM11-12005LF ETC2-HM11-12005LF Datasheet
383Kb / 1P
Electrical / Environmental
logo
Extech Instruments Corp...
45170CM EXTECH-45170CM Datasheet
506Kb / 1P
45170CM 5-in-1 Environmental Meter with CFM/CMM
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
Environmental Meter
logo
Glenair, Inc.
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
Environmental Backshell
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com