Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13719 Datasheet(PDF) 2 Page - Epson Company

Part # S1D13719
Description  S1D13719 Mobile Graphics Engine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13719 Datasheet(HTML) 2 Page - Epson Company

  S1D13719 Datasheet HTML 1Page - Epson Company S1D13719 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Revision 1.2
X59A-C-001-01
2
GRAPHICS
S1D13719
DESCRIPTION
Integrated Display Buffer
512K bytes of embedded SRAM
Addressable as a single linear address space
CPU Interface
16-bit Generic Asynchronous CPU interface
Direct and Indirect addressing
Panel Support
Supports up to 2 LCD panels
LCD1: 9/12/18/24-bit RGB panel
LCD2: 8/9-bit Serial Ram Integrated panel
LCD1: 8/16/18/24-bit Parallel Ram Integrated panel
LCD2: 8/9-bit Serial Ram Integrated panel
LCD1: 8/16/18/24-bit Parallel Ram Integrated panel
LCD2: 8/16/18/24-bit Parallel Ram Integrated panel
LCD1: 9/12/18/24-bit RGB panel
LCD2: 8-bit Parallel Ram Integrated panel
TFT, HR-TFT, Casio TFT,
α-TFT, ND-TFD, and
Extended TFT
Typical resolution of:
up to 320x480 at 16 bpp
up to 320x240 at 32 bpp
Acceleration
2D BitBLT Engine
SwivelView: 90°, 180°, 270° hardware rotation of
displayed image
Mirror Display: hardware “mirror” image of display
Display Features
8/16/32 bit-per-pixel (bpp) support
Picture-in-Picture Plus: displays a variable size window
overlaid over the background image
Overlay Functions
Pixel Doubling: doubles the effective resolution
Video Invert: inverts display data
Digital Video
Dual port Camera Interface (YUV 4:2:2)
Hardware JPEG Encoder (YUV 4:2:2, 4:1:1, 4:2:0)
Hardware JPEG Decoder (YUV 4:4:4, 4:2:2, 4:1:1,
4:2:0)
YUV Display/Capture (YUV 4:2:2, 4:2:0)
Memory Image JPEG Encode (YUV 4:2:2, 4:1:1, 4:2:0)
View and Capture hardware resizer, reduction from 1x
to ½x size in 128 steps with trimming functions
Fractional Zoom for YUV 4:2:2, expand from 1x to 2x
size in 128 steps
YUV to RGB and RGB to YUV converters
Support for external MPEG codec interface
Miscellaneous
Internal PLL or digital clock input
Software initiated power save mode
COREVDD 1.8 volts and IOVDD 3.0 volts
PFBGA 180-pin package
CONTACT YOUR SALES REPRESENTATIVE FOR THESE COMPREHENSIVE DESIGN TOOLS
• S1D13719 Technical
Documentation
• CPU Independent
Software Utilities
• S1D13719 Evaluation
Boards
• Royalty Free source level
driver code
© SEIKO EPSON CORPORATION 2004-2012. All rights reserved.
Information in this document is subject to change without notice. You may download and use this document, but only for your own use in evaluating Seiko Epson/EPSON products. You
may not modify the document. Epson Research and Development, Inc. disclaims any representation that the contents of this document are accurate or current. The Programs/Technologies
described in this document may contain material protected under U.S. and/or International Patent laws.
EPSON is a registered trademark of Seiko Epson Corporation. All other trademarks are the property of their respective owners.
Hong Kong
Epson Hong Kong Ltd.
20/F., Harbour Centre
25 Harbour Road
Wanchai, Hong Kong
Tel: 2585-4600
Fax: 2827-4346
http://www.epson.com.hk/
Singapore
Epson Singapore Pte Ltd
1 HarbourFront Place #03-02
HarbourFront Tower One
Singapore, 098633
Tel: (65) 6586-5500
Fax: (65) 6271-3182
http://www.epson.com.sg/
Europe
Epson Europe Electronics GmbH
Riesstrasse 15
80992 Munich, Germany
Tel: 089-14005-0
Fax: 089-14005-110
http://www.epson-electronics.de/
Japan
Seiko Epson Corporation
IC International Sales Group
421-8, Hino, Hino-shi
Tokyo 191-8501, Japan
Tel: 042-587-5812
Fax: 042-587-5564
http://www.epson.co.jp/
Taiwan
Epson Taiwan Technology & Trading Ltd.
14F, No. 7
Song Ren Road
Taipei 110
Tel: 02-8786-6688
Fax: 02-8786-6677
http://www.epson.com.tw/
North America
Epson Electronics America, Inc.
214 Devcon Drive
San Jose, CA 95112, USA
Tel: (800) 228-3964
Fax: (408) 922-0238
http://www.eea.epson.com/


Similar Part No. - S1D13719

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
logo
Epson Company
S1D13704F00A EPSON-S1D13704F00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13705F00A EPSON-S1D13705F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13719

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13742F01A200 EPCOS-S1D13742F01A200 Datasheet
122Kb / 2P
   S1D13742 Mobile Graphics Engine
logo
List of Unclassifed Man...
UVGA-II(GFX) ETC2-UVGA-II(GFX) Datasheet
1Mb / 21P
   VGA Graphics Engine
UVGA-II(SGC) ETC2-UVGA-II(SGC) Datasheet
1Mb / 20P
   Serial VGA Graphics Engine
UVGA-III ETC2-UVGA-III Datasheet
2Mb / 19P
   VGA Graphics Engine-PACASO
logo
NXP Semiconductors
SAA6721E PHILIPS-SAA6721E Datasheet
360Kb / 72P
   SXGA RGB to TFT graphics engine
1999 May 11
SAA6712E PHILIPS-SAA6712E Datasheet
228Kb / 64P
   XGA RGB to TFT graphics engine
1999 Aug 25
logo
Cirrus Logic
CL-GD546X CIRRUS-CL-GD546X Datasheet
108Kb / 3P
   64-Bit Graphics Engine with Integrated 3D Game Acceleration(CL-GD5464)
logo
List of Unclassifed Man...
CATALYSTLP ETC2-CATALYSTLP Datasheet
450Kb / 3P
   Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
logo
Texas Instruments
TMS34020A TI-TMS34020A Datasheet
1Mb / 82P
[Old version datasheet]   GRAPHICS PROCESSORS
logo
Cypress Semiconductor
CYNSE70064A CYPRESS-CYNSE70064A Datasheet
3Mb / 127P
   Search Engine
05/08/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com