Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-5006CG Datasheet(PDF) 1 Page - Epson Company

Part # TG-5006CG
Description  HIGH STABILITY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

TG-5006CG Datasheet(HTML) 1 Page - Epson Company

  TG-5006CG Datasheet HTML 1Page - Epson Company TG-5006CG Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
Specifications (characteristics)
Item
Symbol
VC-TCXO
TCXO
Conditions / Remarks
Output frequency range
f0
16.367667 MHz, 16.368 MHz, 16.369 MHz,
19.2 MHz, 26 MHz and 38.4 MHz
Standard frequency
13.000 MHz to 52.000 MHz
TG-5006CJ/TG5006CG
13.000 MHz to 20.000 MHz,26.000 MHz to 40.000 MHz
TG-5006CE
Supply voltage
VCC
1.8 V
0.1 V / 2.8 V 5% / 3.0 V 5% (Range :1.7 V to 3.3 V)
Storage temperature
T_stg
-40
C to +90 C
Storage as single product.
Operating temperature
T_use
-30
C to +85 C
Frequency tolerance
f_tol
±2.0 ×10
-6 Max.
After reflow, +25
C
Frequency/temperature
characteristics
f0-TC
0.5  10-6 Max. / -30 C to +85 C
High stability version for GPS
2.0  10-6 Max. / -30 C to +85 C
Standard stability version
2.0  10-6 Max. / -40 C to +85 C : Option
(
2.5  10-6 Max. : TG-5006CE)
Customized product.
Frequency/load coefficient
f0-Load
±0.2 × 10
-6 Max.
10 k
 // 10 pF ±10 %
Frequency/voltage coefficient
f0-VCC
±0.2 ×10
-6 Max.
VCC
5%
Frequency aging
f_age
±1.0 ×10
-6 Max.
+25 °C , First year,13 MHz≦f0≦40 MHz
±1.5 ×10
-6 Max.
+25 °C , First year,40 MHz<f0≦52 MHz
Current consumption
ICC
1.5 mA Max.
13 MHz≦f0≦26 MHz
2.0 mA Max.
26 MHz<f0
Input resistance
Rin
500 k
 Min.
-
VC- GND (DC)
Frequency control range
f_cont
8.0  10-6 to 15.0  10-6
-
VC=0.9 V
0.6 V (VCC =1.8 V) or
VC=1.4 V
1.0 V (VCC =2.8 V)
Frequency change polarity
-
Positive polarity
-
Symmetry
SYM
40 % to 60 %
GND level (DC cut)
Output voltage
VPP
0.8 V Min.
Peak to Peak
Output load condition
Load_R
10 k
DC cut capacitor = 0.01 µF
Load_C
10 pF
* Note : Please contact us for requirements not listed in this specification.
Product Name
TG-5006 CJ-***
19.200000MHz
(Standard form)
② ③
①Model
②Package type ③Spec segment (Please contact us)
④Frequency
External dimensions
(Unit: mm)
Footprint (Recommended)
(Unit: mm)
TG-5006CG
TG-5006CE
TG-5006CJ
Product Number (Please contact us)
TG-5006CJ : X1G004131xxxx00
TG-5006CG : X1G004211xxxx00
TG-5006CE : X1G004201xxxx00
TCXO/VC-TCXO
HIGH STABILITY
TG - 5006CJ/CG/CE
Frequency range
:
13 MHz to 52 MHz (TG-5006CJ/CG)
13 MHz to 20MHz, 26 MHz to 40MHz
(TG-5006CE)
Supply voltage
:
1.8 V Typ. / 2.8 V Typ./ 3.0 V Typ.
Frequency / temperature characteristics
:
±0.5× 10
-6 Max or
2.0 × 10-6 Max.
Applications
:
GPS,
Wireless communication devices
(CDMA, WCDMA, LTE, WiMAX, other)
Features
:
High stability, Low supply voltage (1.8 V)
To maintain stable operation, provide a 0.01uF to
0.1uF by-pass capacitor at a location as near as
possible to the power source terminal of the crystal
product (between VCC - GND).
Size
TG-5006CJ
(2.0×1.6mm)
TG-5006CG
(2.5×2.0mm)
TG-5006CE
(3.2×2.5mm)
A
0.75
1.0
1.15
B
0.6
0.8
0.85
C
1.13
1.4
1.6
D
1.65
2.1
2.6
TG-5006CG
(2.5 × 2.0 × 0.8 mm)
TG-5006CJ
(2.0 × 1.6 × 0.73 mm)
TG-5006CE
(3.2 × 2.5 × 0.9 mm)
Pin m ap
Pin
C onnection
VC-TC XO
TCXO
1
VC
N.C.
2
GND
3
OUT
4
VCC
a
Size
TG-5006CJ
TG-5006C G
TG-5006C E
a
2.0±0.15
2.5±0.2
3.2±0.2
b
1.6±0.15
2.0±0.2
2.5±0.2
c
0.73±0.07
0.8±0.1
0.9±0.1
(d)
0.27
0.46
0.46
TG-5006C E
TG-5006C G
<B ottom View>
#4
C0.2
1.5
#2
0.5
#3
#1
2.1
1.95
(0.57)
C0.27
#4
#3
#2
#1
TG-5006C J
1.2
1.58
C0.15
#1
#2
#3
#4
D
B


Similar Part No. - TG-5006CG

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CE EPSON-TG-5006CE Datasheet
393Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
logo
List of Unclassifed Man...
TG-5006CJ ETC2-TG-5006CJ Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
TG-5006CJ-51L40.0000M3 ETC2-TG-5006CJ-51L40.0000M3 Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
TG-5006CJ-51L40.0000M3-ND ETC2-TG-5006CJ-51L40.0000M3-ND Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
More results

Similar Description - TG-5006CG

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
logo
CRYSTEK CORPORATION
CO27VS05DE-02-10.000 CRYSTEKMICROWAVE-CO27VS05DE-02-10.000 Datasheet
159Kb / 2P
   High Stability
logo
Epson Company
TG2016SBN EPSON-TG2016SBN Datasheet
632Kb / 2P
   HIGH STABILITY
TG-5035CJ EPSON-TG-5035CJ Datasheet
452Kb / 2P
   HIGH STABILITY
TG-5035CE EPSON-TG-5035CE Datasheet
374Kb / 2P
   HIGH STABILITY
logo
Solid State Optronic
SAT1670 SSOUSA-SAT1670 Datasheet
392Kb / 8P
   High stability
logo
Willow Technologies Ltd
CXLTG WILLOW-CXLTG Datasheet
391Kb / 2P
   High Stability
logo
Epson Company
TG1612SAN EPSON-TG1612SAN Datasheet
440Kb / 2P
   HIGH STABILITY
logo
MMD Components
MOHH3 MMD-MOHH3 Datasheet
114Kb / 2P
   High Stability
logo
TEMEX
HSO14 TEMEX-HSO14 Datasheet
609Kb / 4P
   High Stability Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com