Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71CS17403C Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GM71CS17403C
Description  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71CS17403C Datasheet(HTML) 1 Page - Hynix Semiconductor

  GM71CS17403C Datasheet HTML 1Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 2Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 3Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 4Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 5Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 6Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 7Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 8Page - Hynix Semiconductor GM71CS17403C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GM71C(S)17403C/CL
4,194,304 WORDS x 4 BIT
CMOS DYNAMIC RAM
Description
The GM71C(S)17403C/CL is the new
generation dynamic RAM organized 4,194,304
words x 4 bit. GM71C(S)17403C/CL has
realized higher density, higher performance and
various functions by utilizing advanced CMOS
process technology. The GM71C(S)17403C/CL
offers Extended Data Out (EDO) Mode as a
high speed access mode. Multiplexed address
inputs permit the GM71C(S)17403C/CL to be
packaged in a standard 300 mil 24(26) pin SOJ
and a standard 300mil 24(26) pin plastic TSOP
II. The package size provides high system bit
densities and is compatible with widely
available automated testing and insertion
equipment. System oriented features include
single power supply 5V+/-10% tolerance, direct
interfacing capability with high performance
logic families such as Schottky TTL.
Features
* 4,194,304 Words x 4 Bit Organization
* Extended Data Out Mode Capability
* Single Power Supply (5V+/-10%)
* Fast Access Time & Cycle Time
* Low Power
Active : 660/605/550mW (MAX)
Standby : 11mW (CMOS level : MAX)
: 0.83mW (L-version : MAX)
* RAS Only Refresh, CAS before RAS Refresh,
Hidden Refresh Capability
* All inputs and outputs TTL Compatible
* 2048 Refresh Cycles/32ms
* 2048 Refresh Cycles/128ms (L-version)
* Battery Backup Operation (L-version)
* Test Function : 16bit parallel test mode
(Unit: ns)
tRAC tCAC
tRC
tHPC
GM71C(S)17403C/CL-6
GM71C(S)17403C/CL-7
60
70
15
18
104
124
25
30
GM71C(S)17403C/CL-5
50
13
84
20
Pin Configuration
(Top View)
VCC
I/O1
I/O2
WE
RAS
NC
A10
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
24(26) SOJ
24(26) TSOP II
VCC
I/O1
I/O2
WE
RAS
A11
A10
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
Rev 0.1 / Apr’01


Similar Part No. - GM71CS17403C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71CS17400C HYNIX-GM71CS17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71CS17400CL HYNIX-GM71CS17400CL Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71CS17403C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
   4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com