Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C17800C Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # GM71C17800C
Description  2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17800C Datasheet(HTML) 3 Page - Hynix Semiconductor

  GM71C17800C Datasheet HTML 1Page - Hynix Semiconductor GM71C17800C Datasheet HTML 2Page - Hynix Semiconductor GM71C17800C Datasheet HTML 3Page - Hynix Semiconductor GM71C17800C Datasheet HTML 4Page - Hynix Semiconductor GM71C17800C Datasheet HTML 5Page - Hynix Semiconductor GM71C17800C Datasheet HTML 6Page - Hynix Semiconductor GM71C17800C Datasheet HTML 7Page - Hynix Semiconductor GM71C17800C Datasheet HTML 8Page - Hynix Semiconductor GM71C17800C Datasheet HTML 9Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GM71C17800C
GM71CS17800CL
Rev 0.1 / Apr’01
DC Electrical Characteristics (VCC = 5V+/-10%, Vss = 0V, TA = 0 ~ 70C)
Symbol
Parameter
Note
VOH
VOL
Output Level
Output "H" Level Voltage (IOUT = -5mA)
Unit
Max
VCC
0.4
Min
2.4
0
Output Level
Output "L" Level Voltage (IOUT = 4.2mA)
ICC1
Operating Current
Average Power Supply Operating Current
(RAS, CAS Cycling: tRC = tRC min)
ICC2
Standby Current (TTL)
Power Supply Standby Current
(RAS, CAS = VIH, DOUT = High-Z)
2
-
ICC3
RAS Only Refresh Current
Average Power Supply Current
RAS Only Refresh Mode
(tRC = tRC min)
ICC4
ICC5
Standby Current (CMOS)
Power Supply Standby Current
(RAS, CAS >= VCC - 0.2V, Dout = High-Z)
1
-
ICC6
CAS-before-RAS Refresh Current
(tRC = tRC min)
150
-
IL(I)
10
-10
IL(O)
10
-10
Input Leakage Current
Any Input (0V<=VIN<= 6V)
Output Leakage Current
(DOUT is Disabled, 0V<=VOUT<= 6V)
Note: 1. ICC depends on output load condition when the device is selected.
ICC(max) is specified at the output open condition.
2. Address can be changed once or less while RAS = VIL.
3. Address can be changed once or less while CAS = VIH.
4. CAS = L (<=0.2) while RAS = L (<=0.2).
5. L-version.
Fast Page Mode Current
Average Power Supply Current
Fast Page Mode
(tPC = tPC min)
110
-
50ns
60ns
70ns
100
90
-
-
-
110
-
50ns
60ns
70ns
100
90
-
-
100
-
50ns
60ns
70ns
90
85
-
110
-
50ns
60ns
70ns
-
-
100
90
ICC7
ICC8
V
V
mA
mA
uA
uA
uA
mA
1, 2
mA
2
mA
1, 3
mA
5
-
Standby Current RAS = VIH
CAS = VIL
DOUT = Enable
mA
1
Battery Back Up Operating Current
(Standby with CBR Refresh)
(tRC=62.5us, tRAS<=0.3us, DOUT=High-Z)
500
-
4,5
uA
ICC9
uA
Self-Refresh Mode Current
(RAS, CAS<=0.2V, DOUT=High-Z)
300
-
5
5


Similar Part No. - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM72V2010AG TOSHIBA-THM72V2010AG Datasheet
1Mb / 30P
   2,097,152 WORDS X 72 BIT DYNAMIC RAM MODULE
THM322020S-80 TOSHIBA-THM322020S-80 Datasheet
477Kb / 17P
   2,097,152 WORDS x 32 BIT DYNAMIC RAM MODULE
THM362020S-80 TOSHIBA-THM362020S-80 Datasheet
475Kb / 17P
   2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com