Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C17800C Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GM71C17800C
Description  2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17800C Datasheet(HTML) 2 Page - Hynix Semiconductor

  GM71C17800C Datasheet HTML 1Page - Hynix Semiconductor GM71C17800C Datasheet HTML 2Page - Hynix Semiconductor GM71C17800C Datasheet HTML 3Page - Hynix Semiconductor GM71C17800C Datasheet HTML 4Page - Hynix Semiconductor GM71C17800C Datasheet HTML 5Page - Hynix Semiconductor GM71C17800C Datasheet HTML 6Page - Hynix Semiconductor GM71C17800C Datasheet HTML 7Page - Hynix Semiconductor GM71C17800C Datasheet HTML 8Page - Hynix Semiconductor GM71C17800C Datasheet HTML 9Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GM71C17800C
GM71CS17800CL
Rev 0.1 / Apr’01
Pin Description
Pin
Function
Pin
Function
A0-A10
A0-A10
I/O0-I/O7
RAS
WE
VCC
VSS
NC
Address Inputs
Refresh Address Inputs
Data-In/Out
Row Address Strobe
Read/Write Enable
Power (+5V)
Ground
No Connection
Ordering Information
CAS
Column Address Strobe
OE
Output Enable
Absolute Maximum Ratings*
PT
1.0
Power Dissipation
W
Note: Operation at or above Absolute Maximum Ratings can adversely affect device reliability.
Symbol
Parameter
Rating
Unit
TA
TSTG
VIN/OUT
VCC
IOUT
0 ~ +70
-55 ~ +125
50
Ambient Temperature under Bias
Storage Temperature (Plastic)
Voltage on any Pin Relative to VSS
Voltage on VCC Relative to VSS
Short Circuit Output Current
C
C
V
V
mA
-1.0 ~ +7.0V
-1.0 ~ +7.0V
Recommended DC Operating Conditions (TA = 0 ~ +70C)
Symbol
Parameter
Unit
VCC
VIH
VIL
Supply Voltage
Input High Voltage
Input Low Voltage
V
V
V
Max
5.5
6.0
0.8
Typ
5.0
-
-
Min
4.5
2.4
-1.0
Note: All voltage referred to Vss.
Type No.
Access Time
Package
GM71C(S)17800CJ/CLJ -5
GM71C(S)17800CJ/CLJ -6
GM71C(S)17800CJ/CLJ -7
50ns
60ns
70ns
400 Mil
28 Pin
Plastic SOJ
50ns
60ns
70ns
400 Mil
28 Pin
Plastic TSOP II
GM71C(S)17800CT/CLT -5
GM71C(S)17800CT/CLT -6
GM71C(S)17800CT/CLT -7


Similar Part No. - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM322020S-80 TOSHIBA-THM322020S-80 Datasheet
477Kb / 17P
2,097,152 WORDS x 32 BIT DYNAMIC RAM MODULE
THM362020S-80 TOSHIBA-THM362020S-80 Datasheet
475Kb / 17P
2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM72V2010AG TOSHIBA-THM72V2010AG Datasheet
1Mb / 30P
2,097,152 WORDS X 72 BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com