Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM71C17800C Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # GM71C17800C
Description  2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17800C Datasheet(HTML) 9 Page - Hynix Semiconductor

  GM71C17800C Datasheet HTML 1Page - Hynix Semiconductor GM71C17800C Datasheet HTML 2Page - Hynix Semiconductor GM71C17800C Datasheet HTML 3Page - Hynix Semiconductor GM71C17800C Datasheet HTML 4Page - Hynix Semiconductor GM71C17800C Datasheet HTML 5Page - Hynix Semiconductor GM71C17800C Datasheet HTML 6Page - Hynix Semiconductor GM71C17800C Datasheet HTML 7Page - Hynix Semiconductor GM71C17800C Datasheet HTML 8Page - Hynix Semiconductor GM71C17800C Datasheet HTML 9Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
GM71C17800C
GM71CS17800CL
Rev 0.1 / Apr’01
Package Dimensions
Unit: Inches (mm)
28 SOJ
28 TSOP (TYPE II)
0.730(18.54) MAX
0.720(18.28) MIN
0.020(0.50) MAX
0.012(0.30) MIN
TYP
0.050(1.27)
0.007(0.18) MAX
0.003(0.08) MIN
0.047(1.20)
MAX
0.041(1.05) MAX
0.037(0.95) MIN
0.024(0.60) MAX
0.016(0.40) MIN
0.008(0.21) MAX
0.004(0.12) MIN
0 ~ 5
o
0.025(0.64)
MIN
0.032(0.81) MAX
0.026(0.66) MIN
TYP
0.050(1.27)
0.020(0.50) MAX
0.015(0.38) MIN
0.148(3.75) MAX
0.128(3.25) MIN
0.710(18.04) MIN
0.720(18.30) MAX
0.083(2.10)
MIN


Similar Part No. - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CJ HYNIX-GM71C17400CJ Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-5 HYNIX-GM71C17400CLJ-5 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-6 HYNIX-GM71C17400CLJ-6 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400CLJ-7 HYNIX-GM71C17400CLJ-7 Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71C17800C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
THM72V2010AG TOSHIBA-THM72V2010AG Datasheet
1Mb / 30P
   2,097,152 WORDS X 72 BIT DYNAMIC RAM MODULE
THM322020S-80 TOSHIBA-THM322020S-80 Datasheet
477Kb / 17P
   2,097,152 WORDS x 32 BIT DYNAMIC RAM MODULE
THM362020S-80 TOSHIBA-THM362020S-80 Datasheet
475Kb / 17P
   2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com