Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTC-7301SF Datasheet(PDF) 1 Page - Epson Company

Part # RTC-7301SF
Description  REAL TIME CLOCK MODULE (4-bit)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

RTC-7301SF Datasheet(HTML) 1 Page - Epson Company

  RTC-7301SF_15 Datasheet HTML 1Page - Epson Company RTC-7301SF_15 Datasheet HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Real time clock module
Block diagram
This is a block diagram for RTC-7301SF.
Be aware that RTC-7301DG differs according to the following 2 points.
1) The VTEMP output is not connected to an external pin.
2) The FCON input pin is not connected to an external pin,
but is fixed at "H" internally.
External dimensions/Terminal connection
(Unit:mm)
Specifications (characteristics)
*Refer to application manual for details.
Absolute Max. rating
GND=0 V
DC characteristics
(GND=0 V,VDD=1.6 V to 5.5 V,Ta=-40 C to +85 C)
Item
Symbol
Conditions
Min.
Max.
Unit
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VDD
VDD to GND
-0.3
+7.0
V
Current consumption
(When non-accessed)
FOUT =Output OFF
VTEMP=Output OFF
IDD1
/CS0,/RD,/WR=VDD
A0-A3,CS1=GND
D0-D3,/IRQ=Hi-z
FOUT=Hi-z(OFF)
VTEMP=Hi-z(OFF)
VDD=5 V
-
1.0
2.0
A
Input voltage
VIN
Input terminal,
D0 to D3 pins
GND-0.3
VDD+0.3
Output voltage(1) VOUT1
/IRQ pin
+8.0
IDD2
VDD=3 V
-
0.6
1.0
Output voltage(2) VOUT2
FOUT,D0-D3,VTEMP pin
VDD+0.3
Storage
temperature
TSTG
Stored as bare product.
-55
+125
C
Note)There is no VTEMP pin on the RTC-7301DG so standards for
the VTEMP pin within the conditions described above do not apply.
Operating range
GND = 0 V
Temperature sensor characteristics
GND=0 V,Ta=-40
C to +85 C
Item
Symbol
Conditions
Min.
Max.
Unit
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power voltage
VDD
-
2.4
5.5
V
Temperature
output voltage
VTEMP
Ta=+25
C,GND based output voltage
VTEMP pins,VDD=2.7 V to 5.5 V
-
1.470
-
V
Clock voltage
VCLK
-
1.6
Operating
temperature
TOPR
No condensation
-40
+85
C
Output precision
TACR
Ta=+25 °C,VDD=2.7 V to 5.5 V
-
-
5.0
C
Frequency characteristics
Temperature
sensitivity
VSE
-40
CTa+85 C,VDD=2.7 V to 5.5 V
-7.3
-7.8
-8.3
mV/
C
Item
Symbol
Conditions
Range
Unit
Linearity
NL
-40
CTa+85 C,VDD=2.7 V to 5.5 V
-
-
2.0
%
Frequency
precision
f /f
Ta=+25
C,VDD=3.0 V
B:5
23 (*1)
10-6
Temperature
detection range
TSOP
NL ±2.0 %,VDD=2.7 V to 5.5 V
-40
-
+85
C
Oscillation
Start up time
tSTA
Ta=+25
C,VDD=2.4 V
3.0 Max.
s
Output resistance
R0
Ta=25
C,VTEMP pins,VDD=2.7 V to 5.5 V
GND standard and VDD standard
-
1.0
3.0
k
Frequency
temperature
characteristics
TOP
Ta=-10
C to +70 C
VDD=3.0 V ,+25
C
+10 / -120
10-6
Load condition
CL
VDD=2.7 V to 5.5 V
-
-
100
pF
Frequency
voltage characteristics
f/V
Ta=+25
C,
VDD=1.6 V to 5.5 V
2.0 Max.
10-6/V
RL
VDD=2.7 V to 5.5 V
500
-
-
k
Aging
fa
Ta=+25
C,
VDD=3.0 V First year
5.0 Max.
10-6/year
Response time
tRSP
VDD=3.3 V
CL=50 pF, RL=500 k
, Max. 1 °C
-
-
200
s
(*1) Please ask tighter tolerance
Note)There is no temperature sensor function on the RTC-7301DG.
RTC-7301SF
RTC-7301DG
RTC-7301SF (SSOP 24-pin)
The m etal case inside of the m olding c ompound m ay be exposed on the top or bottom of this product.
This purely cosm etic and does not have any effect on quality, reliability or electric al specs.
0.5
0.15
0
 - 10
0.8
2.0 M ax.
0.36
0 Min.
#12
#1
10.2
 0.3
#24
#13
5.4
R7301
E 123 4A
RTC-7301DG (DIP 18-pin)
7.62
0
 -15
0.25
0.46
4.2
Max.
2.54
Min.
0.2
Min.
2.54
1.52
23.1 Max.
#1
#18
#10
#9
RTC7301
E 123 4A
No.
Pin
terminal
No.
Pin
term inal
1
/CS0
24
VDD
2
FCON
23
(VDD)
3
FOUT
22
(VDD)
4
VTEMP
21
(VDD)
5
(VDD)
20
(VDD)
6
/IRQ
19
(VDD)
7
A0
18
CS1
8
A1
17
D0
9
A2
16
D1
10
A3
15
D2
11
/RD
14
D3
12
GND
13
/WR
No.
Pin
term inal
No.
Pin
terminal
1
/CS0
18
VDD
2
FOUT
17
(VDD)
3
/IRQ
16
(VDD)
4
A0
15
CS1
5
A1
14
D0
6
A2
13
D1
7
A3
12
D2
8
/RD
11
D3
9
GND
10
/W R
REAL TIME CLOCK MODULE (4-bit)
RTC - 7301SF / DG
Built-in crystal unit 32.768 kHz with frequency adjusted
Frequency selectable clock output (32.768 kHz to 1/30 Hz)
Built-in 30 second adjustment function, digital pace adjustment function
(Max. adjustment:
192  10-6)
Built-in alarm and timer interrupt functions.
Built-in semiconductor temperature sensor
(Voltage output: -7.8 mV /
C, RTC-7301SF)
Operating voltage range:2.4 V to 5.5 V,
time keeping voltage range: 1.6 V to 5.5 V
Low current consumption (0.6 A / 3 V Typ.)
High speed parallel interface compatible with SRAM
FO U T
C O NT RO LLER
FO U T
FC O N
IN T ERRUPT S
CO NT RO LLER
BUS
IN T ER FAC E
C IRCUIT
TIMER
R EG IST ER
ALARM
R EG IST ER
T em perature
Sensor
CLO C K
and
CALEND AR
OSC
32.768 kH z
DIVIDER
C O NT RO L
R E G IST ER
and
SYST EM
C O NT RO LLER
/ IR Q
C ontrol Line
V T EM P
D igital T rim m ing
R EG IST ER
A 0
 A3
/ R D
D0
 D3
/ W R
/ C S 0
CS1
 1
 2
7301SF
7301D G
 1
Product Number (Please contact us)
RTC-7301SF : Q42730182000200
RTC-7301DG : Q42730112000200


Similar Part No. - RTC-7301SF_15

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RTC-7301SF EPSONTOYOCOM-RTC-7301SF Datasheet
366Kb / 2P
4-bit REAL TIME CLOCK MODULE
More results

Similar Description - RTC-7301SF_15

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-58321 EPSON-RTC-58321 Datasheet
235Kb / 2P
Real time clock module(4-bit I/O CONNECTION REAL TIME CLOCK MODULE)
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
RTC72421 ETC-RTC72421 Datasheet
634Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson Company
RTC62421 EPSON-RTC62421 Datasheet
73Kb / 2P
4-bit REAL TIME CLOCK MODULE
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RTC-7301SF EPSONTOYOCOM-RTC-7301SF Datasheet
366Kb / 2P
4-bit REAL TIME CLOCK MODULE
RTC-62421 EPSONTOYOCOM-RTC-62421 Datasheet
286Kb / 2P
4-bit REAL TIME CLOCK MODULE
RTC-72421 EPSONTOYOCOM-RTC-72421 Datasheet
287Kb / 2P
4-bit REAL TIME CLOCK MODULE
logo
Epson Company
RTC-72421 EPSON-RTC-72421_15 Datasheet
292Kb / 2P
REAL TIME CLOCK MODULE (4-bit)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com