Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM555CMX
Description  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555CMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM555CMX Datasheet HTML 1Page - Fairchild Semiconductor LM555CMX Datasheet HTML 2Page - Fairchild Semiconductor LM555CMX Datasheet HTML 3Page - Fairchild Semiconductor LM555CMX Datasheet HTML 4Page - Fairchild Semiconductor LM555CMX Datasheet HTML 5Page - Fairchild Semiconductor LM555CMX Datasheet HTML 6Page - Fairchild Semiconductor LM555CMX Datasheet HTML 7Page - Fairchild Semiconductor LM555CMX Datasheet HTML 8Page - Fairchild Semiconductor LM555CMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM555 Rev. 1.1.0
1
January 2013
LM555
Single Timer
Features
• High-Current Drive Capability: 200 mA
• Adjustable Duty Cycle
• Temperature Stability of 0.005%/°C
• Timing From
μs to Hours
• Turn off Time Less Than 2
μs
Applications
• Precision Timing
• Pulse Generation
• Delay Generation
• Sequential Timing
Ordering Information
Part Number
Operating Temperature Range
Top Mark
Package
Packing Method
LM555CN
0 ~ +70°C
LM555CN
DIP 8L
Rail
LM555CM
LM555CM
SOIC 8L
Rail
LM555CMX
LM555CM
SOIC 8L
Tape & Reel
Description
The LM555 is a highly stable controller capable of pro-
ducing accurate timing pulses. With a monostable opera-
tion, the delay is controlled by one external resistor and
one capacitor. With astable operation, the frequency and
duty cycle are accurately controlled by two external
resistors and one capacitor.
8-DIP
8-SOIC
1
1


Similar Part No. - LM555CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555CMX NSC-LM555CMX Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555CMX TI-LM555CMX Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
LM555CMX TI1-LM555CMX Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
ON Semiconductor
LM555CMX ONSEMI-LM555CMX Datasheet
473Kb / 15P
   Single Timer
January 2013 Rev. 1.1.0
logo
Texas Instruments
LM555CMX/NOPB TI-LM555CMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CMX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com