Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # LM555CMX
Description  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555CMX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button LM555CMX Datasheet HTML 2Page - Fairchild Semiconductor LM555CMX Datasheet HTML 3Page - Fairchild Semiconductor LM555CMX Datasheet HTML 4Page - Fairchild Semiconductor LM555CMX Datasheet HTML 5Page - Fairchild Semiconductor LM555CMX Datasheet HTML 6Page - Fairchild Semiconductor LM555CMX Datasheet HTML 7Page - Fairchild Semiconductor LM555CMX Datasheet HTML 8Page - Fairchild Semiconductor LM555CMX Datasheet HTML 9Page - Fairchild Semiconductor LM555CMX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM555 Rev. 1.1.0
6
An astable timer operation is achieved by adding resistor RB to Figure 2 and configuring as shown on Figure 6. In the
astable operation, the trigger terminal and the threshold terminal are connected so that a self-trigger is formed, operat-
ing as a multi-vibrator. When the timer output is high, its internal discharging transistor. turns off and the VC1 increases
by exponential function with the time constant (RA+RB)*C.
When the VC1, or the threshold voltage, reaches 2 VCC/3; the comparator output on the trigger terminal becomes
high, resetting the F/F and causing the timer output to become low. This turns on the discharging transistor and the C1
discharges through the discharging channel formed by RB and the discharging transistor. When the VC1 falls below
VCC/3, the comparator output on the trigger terminal becomes high and the timer output becomes high again. The dis-
charging transistor turns off and the VC1 rises again.
In the above process, the section where the timer output is high is the time it takes for the VC1 to rise from VCC/3 to 2
VCC/3, and the section where the timer output is low is the time it takes for the VC1 to drop from 2 VCC/3 to VCC/3.
When timer output is high, the equivalent circuit for charging capacitor C1 is as follows:
Since the duration of the timer output high state (tL) is the amount of time it takes for the VC1(t) to reach 2 VCC/3,
Figure 8. Waveforms of Astable Operation
Vcc
R
A
R
B
C1
Vc1(0-)=Vcc/3
C
1
dv
c1
dt
-------------
V
cc
V0-
()
R
A
R
B
+
-------------------------------
=1
()
V
C1
0+
()
V
CC
3
=2
()
V
C1
t
()
V
CC
1
2
3
---e
-
t
R
A
R
B
+
()C1
-------------------------------------








=3
()
V
C1
t
()
2
3
---V
CC
V
=
CC
1
2
3
---e
-
t
H
R
A
R
B
+
()C1
-------------------------------------










=4
()
t
H
C
1
R
A
R
B
+
()In2 0.693 R
A
R
B
+
()C
1
=
=5
()


Similar Part No. - LM555CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555CMX NSC-LM555CMX Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555CMX TI-LM555CMX Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
LM555CMX TI1-LM555CMX Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
ON Semiconductor
LM555CMX ONSEMI-LM555CMX Datasheet
473Kb / 15P
   Single Timer
January 2013 Rev. 1.1.0
logo
Texas Instruments
LM555CMX/NOPB TI-LM555CMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CMX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com