Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LM555CMX
Description  Single Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM555CMX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LM555CMX Datasheet HTML 1Page - Fairchild Semiconductor LM555CMX Datasheet HTML 2Page - Fairchild Semiconductor LM555CMX Datasheet HTML 3Page - Fairchild Semiconductor LM555CMX Datasheet HTML 4Page - Fairchild Semiconductor LM555CMX Datasheet HTML 5Page - Fairchild Semiconductor LM555CMX Datasheet HTML 6Page - Fairchild Semiconductor LM555CMX Datasheet HTML 7Page - Fairchild Semiconductor LM555CMX Datasheet HTML 8Page - Fairchild Semiconductor LM555CMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM555 Rev. 1.1.0
5
1. Monostable Operation
Figure 2 illustrates a monostable circuit. In this mode, the timer generates a fixed pulse whenever the trigger voltage
falls below VCC/3. When the trigger pulse voltage applied to the #2 pin falls below VCC/3 while the timer output is low,
the timer's internal flip-flop turns the discharging transistor off and causes the timer output to become high by charging
the external capacitor C1 and setting the flip-flop output at the same time.
The voltage across the external capacitor C1, VC1 increases exponentially with the time constant t = RA*C and
reaches 2 VCC/3 at tD = 1.1 RA*C. Hence, capacitor C1 is charged through resistor RA. The greater the time constant
RAC, the longer it takes for the VC1 to reach 2 VCC/3. In other words, the time constant RAC controls the output pulse
width.
When the applied voltage to the capacitor C1 reaches 2 VCC/3, the comparator on the trigger terminal resets the flip-
flop, turning the discharging transistor on. At this time, C1 begins to discharge and the timer output converts to low.
In this way, the timer operating in the monostable repeats the above process. Figure 3 shows the time constant rela-
tionship based on RA and C. Figure 4 shows the general waveforms during the monostable operation.
It must be noted that, for a normal operation, the trigger pulse voltage needs to maintain a minimum of VCC/3 before
the timer output turns low. That is, although the output remains unaffected even if a different trigger pulse is applied
while the output is high, it may be affected and the waveform does not operate properly if the trigger pulse voltage at
the end of the output pulse remains at below VCC/3. Figure 5 shows such a timer output abnormality.
2. Astable Operation
Figure 5. Waveforms of Monostable Operation
(abnormal)
Figure 6. A Stable Circuit
Figure 7. Capacitance and Resistance vs. Frequency
1
5
6
7
8
4
2
3
RESET
Vcc
DISCH
THRES
CONT
GND
OUT
TRIG
+Vcc
RA
C1
C2
RL
RB
100m
1
10
100
1k
10k
100k
1E-3
0.01
0.1
1
10
100
(R
A+2RB)
Frequency(Hz)


Similar Part No. - LM555CMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555CMX NSC-LM555CMX Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555CMX TI-LM555CMX Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
LM555CMX TI1-LM555CMX Datasheet
1Mb / 25P
[Old version datasheet]   Timer
logo
ON Semiconductor
LM555CMX ONSEMI-LM555CMX Datasheet
473Kb / 15P
   Single Timer
January 2013 Rev. 1.1.0
logo
Texas Instruments
LM555CMX/NOPB TI-LM555CMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CMX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
   SINGLE TIMER
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
   SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
   SINGLE TIMER
logo
Fairchild Semiconductor
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
   Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
   Single Timer
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
   Single Timer
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
   Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
   Single Timer
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
   Single Timer
logo
Unisonic Technologies
C555 UTC-C555_18 Datasheet
208Kb / 4P
   SINGLE TIMER
C555 UTC-C555 Datasheet
167Kb / 4P
   SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com