| Electronic Components Datasheet Search |
|
HSC945 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics |
|
|
|||||||||||||||||||||||||||||
HSC945 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics |
|
1 / 4 page HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HE6517 Issued Date : 1995.02.11 Revised Date : 2002.12.16 Page No. : 1/4 HSC945 HSMC Product Specification HSC945 NPN EPITAXIAL PLANAR TRANSISTOR Description The HSC945 is designed for using driver stage of AP amplifier and low speed switching applications. Absolute Maximum Ratings • Maximum Temperatures Storage Temperature ............................................................................................ -50 ~ +150 °C Junction Temperature ...................................................................................... 150 °C Maximum • Maximum Power Dissipation Total Power Dissipation (Ta=25 °C) ................................................................................ 250 mW • Maximum Voltages and Currents (Ta=25°C) VCBO Collector to Base Voltage ......................................................................................... 60 V VCEO Collector to Emitter Voltage ...................................................................................... 50 V VEBO Emitter to Base Voltage .............................................................................................. 5 V IC Collector Current........................................................................................................ 100 mA IB Base Current ................................................................................................................ 50 mA Characteristics (Ta=25 °C) Symbol Min. Typ. Max. Unit Test Conditions BVCBO 60 - - V IC=100uA, IE=0 BVCEO 50 - - V IC=1mA. IB=0 BVEBO 5 - - V IE=10uA. IC=0 ICBO - - 100 nA VCB=60V, IE=0 IEBO - - 100 nA VEB=5V, IB=0 *VCE(sat) - 0.1 0.3 V IC=100mA, IB=10mA *hFE1 50 - - VCE=6V, IC=0.1mA *hFE2 135 - 600 VCE=6V, IC=1mA fT 150 - 600 MHz VCE=6V, IC=10mA, f=100MHz Cob - - 4 pF VCB=10V, f=1MHz, IE=0 *Pulse Test: Pulse Width ≤380us, Duty Cycle≤2% Classification of hFE2 Rank Q P K Range 135-270 200-400 300-600 TO-92 |
Similar Part No. - HSC945 |
|
Similar Description - HSC945 |
|
|
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |