Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSA-50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSA-50
Description  SPRING ANCHORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSA-50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSA-50 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
289
1-800-237-5225
1-213-749-1466
Fax (213)749-3802
www.centuryspring.com
SPRING ANCHORS
CSC spring anchors can be the quickest, and most
efficient and economical way to secure the ends of an
extension spring.
Low cost, adjustable, rugged and easy to use, put your
extension spring to work the easy way. Fine tune your
loads with minimum trouble.
Spring anchors are made of C 1022 steel with a black
oxide finish and  302 stainless, no finish.
AVAILABLE FOR IMMEDIATE SHIPMENT
PRODUCED EXCLUSIVELY BY CENTURY SPRING CORP.
CENTURY
STOCK
NUMBER
THREAD
CLASS 2A
A
± .015
B
± .03
C
± .01
D
± .01
E
± .005
F
± .01
G
± .01
CSA-50
6-32
.625
.465
.072
.075
.050
.15
.06
CSA-60
8-32
.875
.700
.080
.095
.070
.16
.07
CSA-70
1/4-20
1.25
.99
.13
.12
.100
.26
.12
CSA-80
1/4-28
1.25
.99
.13
.15
.100
.26
.12
CSA-90
3/8-16
1.625
1.27
.19
.21
.170
.36
.15
CSA-100
3/8-24
1.625
1.27
.19
.21
.170
.36
.15
SPRING ANCHORS, STEEL
CENTURY
STOCK
NUMBER
THREAD
CLASS 2A
A
± .015
B
± .03
C
± .01
D
± .01
E
± .005
F
± .01
G
± .01
SSA-50
6-32
.625
.465
.072
.075
.050
.15
.06
SSA-60
8-32
.875
.700
.080
.095
.070
.16
.07
SSA-70
1/4-20
1.25
.99
.13
.12
.100
.26
.12
SSA-80
1/4-28
1.25
.99
.13
.15
.100
.26
.12
SSA-90*
3/8-16
1.625
1.27
.19
.21
.170
.36
.15
SSA-100*
3/8-24
1.625
1.27
.19
.21
.170
.36
.15
SPRING ANCHORS, STAINLESS
*SSA-90 and SSA-100 material is 410 SST.
289 ANCHORSr1_289 ANCHORSr1 4/18/11 10:41 AM Page 289


Similar Part No. - SSA-50

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
   Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
   Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
   Miniature IR Array
SSA-009 BOT-SSA-009 Datasheet
36Kb / 2P
   3mm LED Linear Array
SSA-099 BOT-SSA-099 Datasheet
34Kb / 2P
   5mm LED ASSEMBLY 3 WAY
More results

Similar Description - SSA-50

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
   Spring-Loaded Insulated Spring Pin Spring-Loaded Header
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Molex Electronics Ltd.
PS-105386-001 MOLEX-PS-105386-001 Datasheet
185Kb / 4P
   RF SPRING
2015/03/09
0690280660 MOLEX-0690280660 Datasheet
18Kb / 1P
   Drag Spring
09/12/2022
logo
List of Unclassifed Man...
561-SCP375132 ETC2-561-SCP375132 Datasheet
179Kb / 2P
   Spring Clip
logo
Molex Electronics Ltd.
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
69028-0660 MOLEX11-69028-0660 Datasheet
42Kb / 1P
   Drag Spring
logo
CUI INC
CDM-15008 CUI-CDM-15008 Datasheet
1Mb / 4P
   spring contacts
logo
Tyco Electronics
1903646-1 MACOM-1903646-1 Datasheet
4Mb / 6P
   Spring Fingers
logo
List of Unclassifed Man...
H1315 ETC2-H1315 Datasheet
505Kb / 8P
   SPRING TERMINOLOGY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com