Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150K100A Datasheet(PDF) 2 Page - GeneSiC Semiconductor, Inc.

Part # 150K100A
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

150K100A Datasheet(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  150K100A Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 150K100A Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 150K100A Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
150K(R)20A thru 150K(R)100A
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
2


Similar Part No. - 150K100A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150K100A NJSEMI-150K100A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
logo
America Semiconductor, ...
150K100A AMERICASEMI-150K100A Datasheet
436Kb / 2P
   DO8 STUD DEVICES STANDARD RECTIFIER
logo
New Jersey Semi-Conduct...
150K100A NJSEMI-150K100A Datasheet
149Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
GeneSiC Semiconductor, ...
150K100A GENESIC-150K100A Datasheet
771Kb / 3P
   Silicon Standard Recovery Diode
logo
New Jersey Semi-Conduct...
150K100AM NJSEMI-150K100AM Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results

Similar Description - 150K100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com