Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150K100A Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # 150K100A
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

150K100A Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  150K100A Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 150K100A Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 150K100A Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 200 V - 1000 V
IF = 150 A
Features
• High Surge Capability
DO-8 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
150K(R)20A 150K(R)40A 150K(R)60A
Unit
Repetitive peak reverse voltage
VRRM
200
400
600
V
DC blocking voltage
VDC
200
400
600
V
Continuous forward current
IF
150
150
150
A
• Types from 200 V to 1000 V VRRM
2. Reverse polarity (R): Stud is anode.
Silicon Standard
Recovery Diode
150K(R)20A thru 150K(R)100A
TC ≤ 110 °C
150K(R)100A
800
150K(R)80A
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
150
150
1000
1000
800
Conditions
Continuous forward current
IF
150
150
150
A
I2t for fusing
I2t
t = 8.3ms
58000
58000
58000
A
2sec
Operating temperature
Tj
-55 to 150
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
-55 to 150
°C
Parameter
Symbol
150K(R)20A 150K(R)40A 150K(R)60A
Unit
Diode forward voltage
1.33
1.33
1.33
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.25
0.25
0.25
°C/W
A
3740
Reverse current
IR
VF
3740
VR = VRRM, Tj = 175 °C
35
35
32
24
mA
58000
58000
-55 to 150
35
-55 to 150
IF = 150 A, Tj = 25 °C
C
Conditions
3740
3740
-55 to 150
150
150
-55 to 150
150K(R)100A
150K(R)80A
0.25
0.25
1.33
1.33
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
3740
TC = 25 °C, tp = 8.3 ms
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - 150K100A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150K100A NJSEMI-150K100A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
logo
America Semiconductor, ...
150K100A AMERICASEMI-150K100A Datasheet
436Kb / 2P
   DO8 STUD DEVICES STANDARD RECTIFIER
logo
New Jersey Semi-Conduct...
150K100A NJSEMI-150K100A Datasheet
149Kb / 1P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
logo
GeneSiC Semiconductor, ...
150K100A GENESIC-150K100A Datasheet
771Kb / 3P
   Silicon Standard Recovery Diode
logo
New Jersey Semi-Conduct...
150K100AM NJSEMI-150K100AM Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results

Similar Description - 150K100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
GKN7104 GENESIC-GKN7104 Datasheet
568Kb / 3P
   Silicon Standard Recovery Diode
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com