Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021A Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT45DB021A
Description  Optional Page and Block Erase Operations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A Datasheet(HTML) 5 Page - ATMEL Corporation

  AT45DB021A_14 Datasheet HTML 1Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 2Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 3Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 4Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 5Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 6Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 7Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 8Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AT45DB021A
5
Ready/Busy status is indicated using bit 7 of the status reg-
ister. If bit 7 is a 1, then the device is not busy and is ready
to accept the next command. If bit 7 is a 0, then the device
is in a busy state. The user can continuously poll bit 7 of the
status register by stopping SCK once bit 7 has been output.
The status of bit 7 will continue to be output on the SO pin,
and once the device is no longer busy, the state of SO will
change from 0 to 1. There are eight operations that can
cause the device to be in a busy state: Main Memory Page
to Buffer Transfer, Main Memory Page to Buffer Compare,
Buffer to Main Memory Page Program with Built-in Erase,
Buffer to Main Memory Page Program without Built-in
Erase, Page Erase, Block Erase, Main Memory Page Pro-
gram, and Auto Page Rewrite.
The result of the most recent Main Memory Page to Buffer
Compare operation is indicated using bit 6 of the status
register. If bit 6 is a 0, then the data in the main memory
page matches the data in the buffer. If bit 6 is a 1, then at
least one bit of the data in the main memory page does not
match the data in the buffer.
The device density is indicated using bits 5, 4, and 3 of the
status register. For the AT45DB021A, the three bits are 0,
1, and 0. The decimal value of these three binary bits does
not equate to the device density; the three bits represent a
combinational code relating to differing densities of Serial
DataFlash devices, allowing a total of eight different density
configurations.
Program and Erase Commands
BUFFER WRITE: Data can be shifted in from the SI pin
into either buffer 1 or buffer 2. To load data into either
buffer, an 8-bit opcode, 84H for buffer 1 or 87H for buffer 2,
must be followed by 15 don't care bits and nine address
bits (BFA8 - BFA0). The nine address bits specify the first
byte in the buffer to be written. The data is entered follow-
ing the address bits. If the end of the data buffer is reached,
the device will wrap around back to the beginning of the
buffer. Data will continue to be loaded into the buffer until a
low-to-high transition is detected on the CS pin.
BUFFER TO MAIN MEMORY PAGE PROGRAM WITH
BUILT-IN ERASE: Data written into either buffer 1 or buffer
2 can be programmed into the main memory. To start the
operation, an 8-bit opcode (83H for buffer 1 or 86H for
buffer 2) must be followed by the five reserved bits, 10
address bits (PA9 -PA0) that specify the page in the main
memory to be written, and nine additional don’t care bits.
When a low-to-high transition occurs on the CS pin, the
part will first erase the selected page in main memory to all
1s and then program the data stored in the buffer into the
specified page in the main memory. Both the erase and the
programming of the page are internally self-timed and
should take place in a maximum time of t
EP. During this
time, the status register will indicate that the part is busy.
BUFFER TO MAIN MEMORY PAGE PROGRAM WITH-
OUT BUILT-IN ERASE: A previously erased page within
main memory can be programmed with the contents of
either buffer 1 or buffer 2. To start the operation, an 8-bit
opcode (88H for buffer 1 or 89H for buffer 2) must be fol-
lowed by the five reserved bits, 10 address bits (PA9-PA0)
that specify the page in the main memory to be written, and
nine additional don’t care bits. When a low-to-high transi-
tion occurs on the CS pin, the part will program the data
stored in the buffer into the specified page in the main
memory. It is necessary that the page in main memory that
is being programmed has been previously erased. The pro-
gramming of the page is internally self-timed and should
take place in a maximum time of tP. During this time, the
status register will indicate that the part is busy.
PAGE ERASE: The optional Page Erase command can be
used to individually erase any page in the main memory
array allowing the Buffer to Main Memory Page Program
without Built-in Erase command to be utilized at a later
time. To perform a Page Erase, an opcode of 81H must be
loaded into the device, followed by five reserved bits,
10 address bits (PA9 - PA0), and nine don’t care bits. The
nine address bits are used to specify which page of the
memory array is to be erased. When a low-to-high transi-
tion occurs on the CS pin, the part will erase the selected
page to 1s. The erase operation is internally self-timed and
should take place in a maximum time of t
PE. During this
time, the status register will indicate that the part is busy.
BLOCK ERASE: A block of eight pages can be erased at
one time allowing the Buffer to Main Memory Page Pro-
gram without Built-in Erase command to be utilized to
reduce programming times when writing large amounts of
data to the device. To perform a Block Erase, an opcode of
50H must be loaded into the device, followed by five
reserved bits, seven address bits (PA9-PA3), and 12 don’t
care bits. The seven address bits are used to specify which
block of eight pages is to be erased. When a low-to-high
transition occurs on the CS pin, the part will erase the
selected block of eight pages to 1s. The erase operation is
internally self-timed and should take place in a maximum
time of t
BE. During this time, the status register will indicate
that the part is busy.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RDY/BUSY
COMP
010
X
X
X


Similar Part No. - AT45DB021A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021A-JC ATMEL-AT45DB021A-JC Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-JI ATMEL-AT45DB021A-JI Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-RC ATMEL-AT45DB021A-RC Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-RI ATMEL-AT45DB021A-RI Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-TC ATMEL-AT45DB021A-TC Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
More results

Similar Description - AT45DB021A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
AT45D021A ATMEL-AT45D021A_14 Datasheet
422Kb / 28P
   Optional Page and Block Erase Operations
AT45DB081A ATMEL-AT45DB081A_14 Datasheet
440Kb / 28P
   Optional Page and Block Erase Operations
AT45DB161 ATMEL-AT45DB161_14 Datasheet
341Kb / 21P
   Optional Page and Block Erase Operations
AT45DB081B ATMEL-AT45DB081B_14 Datasheet
543Kb / 33P
   Supports Page and Block Erase Operations
AT45DB161B ATMEL-AT45DB161B_14 Datasheet
361Kb / 33P
   Supports Page and Block Erase Operations
AT45DB011B ATMEL-AT45DB011B_14 Datasheet
409Kb / 32P
   Supports Page and Block Erase Operations
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
Winbond
W19B320BT WINBOND-W19B320BT Datasheet
661Kb / 56P
   2.7~3.6-volt write (program and erase) operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com