Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021A Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT45DB021A
Description  Optional Page and Block Erase Operations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT45DB021A_14 Datasheet HTML 20Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 21Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 22Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 23Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 24Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 25Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 26Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 27Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 28Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AT45DB021A
26
Ordering Information
f
SCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
13
10
0.01
AT45DB021A-JC
AT45DB021A-RC
AT45DB021A-TC
32J
28R
28T
Commercial
(0
°C to 70°C)
13
10
0.01
AT45DB021A-JI
AT45DB021A-RI
AT45DB021A-TI
32J
28R
28T
Industrial
(-40
°C to 85°C)
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier Package (PLCC)
28R
28-lead, 0.330" Wide, Plastic Gull Wing Small Outline Package (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)


Similar Part No. - AT45DB021A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021A-JC ATMEL-AT45DB021A-JC Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-JI ATMEL-AT45DB021A-JI Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-RC ATMEL-AT45DB021A-RC Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-RI ATMEL-AT45DB021A-RI Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-TC ATMEL-AT45DB021A-TC Datasheet
395Kb / 28P
   2-megabit 2.7-volt Only Serial DataFlash
More results

Similar Description - AT45DB021A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
   Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
   Optional Page and Block Erase Operations
AT45D021A ATMEL-AT45D021A_14 Datasheet
422Kb / 28P
   Optional Page and Block Erase Operations
AT45DB081A ATMEL-AT45DB081A_14 Datasheet
440Kb / 28P
   Optional Page and Block Erase Operations
AT45DB161 ATMEL-AT45DB161_14 Datasheet
341Kb / 21P
   Optional Page and Block Erase Operations
AT45DB081B ATMEL-AT45DB081B_14 Datasheet
543Kb / 33P
   Supports Page and Block Erase Operations
AT45DB161B ATMEL-AT45DB161B_14 Datasheet
361Kb / 33P
   Supports Page and Block Erase Operations
AT45DB011B ATMEL-AT45DB011B_14 Datasheet
409Kb / 32P
   Supports Page and Block Erase Operations
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
Winbond
W19B320BT WINBOND-W19B320BT Datasheet
661Kb / 56P
   2.7~3.6-volt write (program and erase) operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com