Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB021A
Description  Optional Page and Block Erase Operations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021A Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB021A_14 Datasheet HTML 1Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 2Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 3Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 4Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 5Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 6Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 7Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 8Page - ATMEL Corporation AT45DB021A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AT45DB021A
2
memories that are accessed randomly with multiple
address lines and a parallel interface, the DataFlash uses a
serial interface to sequentially access its data. The simple
serial interface facilitates hardware layout, increases sys-
tem reliability, minimizes switching noise, and reduces
package size and active pin count. The device is optimized
for use in many commercial and industrial applications
where high density, low pin count, low voltage, and low
power are essential. Typical applications for the DataFlash
are digital voice storage, image storage, and data storage.
The device operates at clock frequencies up to 13 MHz
with a typical active read current consumption of 4 mA.
To allow for simple in-system reprogrammability, the
AT45DB021A does not require high input voltages for pro-
gramming. The device operates from a single power
supply, 2.7V to 3.6V, for both the program and read opera-
tions. The AT45DB021A is enabled through the chip select
pin (CS) and accessed via a three-wire interface consisting
of the Serial Input (SI), Serial Output (SO), and the Serial
Clock (SCK).
All programming cycles are self-timed, and no separate
erase cycle is required before programming.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the
AT45DB021A is divided into three levels of granularity
comprised of sectors, blocks and pages. The Memory
Architecture Diagram illustrates the breakdown of each
level and details the number of pages per sector and block.
All program operations to the DataFlash occur on a page-
by-page basis; however, the optional erase operations can
be performed at the block or page level.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER 2 (264 BYTES)
BUFFER 1 (264 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI


Similar Part No. - AT45DB021A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021A-JC ATMEL-AT45DB021A-JC Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-JI ATMEL-AT45DB021A-JI Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-RC ATMEL-AT45DB021A-RC Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-RI ATMEL-AT45DB021A-RI Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT45DB021A-TC ATMEL-AT45DB021A-TC Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
More results

Similar Description - AT45DB021A_14

ManufacturerPart #DatasheetDescription
logo
Winbond
W19B320BT WINBOND-W19B320BT Datasheet
661Kb / 56P
2.7~3.6-volt write (program and erase) operations
logo
ATMEL Corporation
AT45DB161 ATMEL-AT45DB161_14 Datasheet
341Kb / 21P
Optional Page and Block Erase Operations
AT45D021A ATMEL-AT45D021A_14 Datasheet
422Kb / 28P
Optional Page and Block Erase Operations
AT45D041A ATMEL-AT45D041A_14 Datasheet
424Kb / 28P
Optional Page and Block Erase Operations
AT45D081A ATMEL-AT45D081A_14 Datasheet
435Kb / 28P
Optional Page and Block Erase Operations
AT45DB011B ATMEL-AT45DB011B_14 Datasheet
409Kb / 32P
Supports Page and Block Erase Operations
AT45DB081A ATMEL-AT45DB081A_14 Datasheet
440Kb / 28P
Optional Page and Block Erase Operations
AT45DB081B ATMEL-AT45DB081B_14 Datasheet
543Kb / 33P
Supports Page and Block Erase Operations
AT45DB161B ATMEL-AT45DB161B_14 Datasheet
361Kb / 33P
Supports Page and Block Erase Operations
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
Automated Erase Operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com