![]() |
Electronic Components Datasheet Search |
|
AT45DB021A Datasheet(PDF) 1 Page - ATMEL Corporation |
|
|
AT45DB021A Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 28 page ![]() 1 Features • 100% Compatible to AT45D021 • Single 2.7V - 3.6V Supply • Serial Interface Architecture • Page Program Operation – Single Cycle Reprogram (Erase and Program) – 1024 Pages (264 Bytes/Page) Main Memory • Optional Page and Block Erase Operations • Two 264-byte SRAM Data Buffers – Allows Receiving of Data while Reprogramming of Nonvolatile Memory • Continuous Read Capability through Entire Array • Internal Program and Control Timer • Low Power Dissipation – 4 mA Active Read Current Typical – 2 µA CMOS Standby Current Typical • 13 MHz Max Clock Frequency • Hardware Data Protection Feature • Serial Peripheral Interface (SPI) Compatible – Modes 0 and 3 • CMOS and TTL Compatible Inputs and Outputs • Commercial and Industrial Temperature Ranges Description The AT45DB021A is a 2.7-volt only, serial interface Flash memory suitable for in-system reprogramming. Its 2,162,688 bits of memory are organized as 1024 pages of 264 bytes each. In addition to the main memory, the AT45DB021A also contains two SRAM data buffers of 264 bytes each. The buffers allow receiving of data while a page in the main memory is being reprogrammed. Unlike conventional Flash 2-megabit 2.7-volt Only Serial DataFlash® AT45DB021A Recommend using AT45DB021B for new designs. Rev. 1642C–01/01 Pin Configurations Pin Name Function CS Chip Select SCK Serial Clock SI Serial Input SO Serial Output WP Hardware Page Write Protect Pin RESET Chip Reset RDY/BUSY Ready/Busy PLCC Note: PLCC package pins 16 and 17 are DON’T CONNECT. 5 6 7 8 9 10 11 12 13 29 28 27 26 25 24 23 22 21 SCK SI SO NC NC NC NC NC NC WP RESET RDY/BUSY NC NC NC NC NC NC TSOP Top View Type 1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 RDY/BUSY RESET WP NC NC VCC GND NC NC NC CS SCK SI SO NC NC NC NC NC NC NC NC NC NC NC NC NC NC SOIC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND NC NC CS SCK SI SO NC NC NC NC NC NC NC VCC NC NC WP RESET RDY/BUSY NC NC NC NC NC NC NC NC (continued) |
Similar Part No. - AT45DB021A_14 |
|
Similar Description - AT45DB021A_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |