Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 39Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 40Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 41Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 42Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 43Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 44Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 45Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 46Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
43
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
8.9.2
AT42QT1111-AU – 32-pin 7 x 7 mm TQFP
'5$:,1*12
5(9
7,7/(
*3&
$
'
$87
3DFNDJH'UDZLQJ&RQWDFW
SDFNDJHGUDZLQJV#DWPHOFRP

1RWHV
7KLVSDFNDJHFRQIRUPVWR-('(&UHIHUHQFH069DULDWLRQ$%$
'LPHQVLRQV'DQG(GRQRWLQFOXGHPROGSURWUXVLRQ$OORZDEOH
SURWUXVLRQLVPPSHUVLGH'LPHQVLRQV'DQG(DUHPD[LPXP
SODVWLFERG\VL]HGLPHQVLRQVLQFOXGLQJPROGPLVPDWFK
/HDGFRSODQDULW\LVPPPD[LPXP
$
±
±

$

±

$



'



'



1RWH
(



(



1RWH
E
±

&

±

/

±

H
7<3
&20021',0(16,216
8QLWRI0HDVXUH
PP
6<0%2/
0,1
120
0$;
127(
ƒaƒ
/
&
$
$
$
%277209,(:
6,'(9,(:
7239,(:
(
'
H
'
(
E
$OHDG[[PP%RG\PP
/HDG3LWFK 7KLQ3URILOH3ODVWLF4XDG)ODW
3DFNDJH 74)3


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com