Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 38Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 39Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 40Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 41Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 42Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 43Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 44Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 45Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
42
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
8.9
Mechanical Dimensions
8.9.1
AT42QT1111-MU – 32-pin 5 x 5 mm QFN
'5$:,1*12
5(9
7,7/(
*3&
0$
*
=9<
3DFNDJH'UDZLQJ&RQWDFW
SDFNDJHGUDZLQJV#DWPHOFRP

127(6
-('(&6WDQGDUG02)LJ $QYLO6LQJXODWLRQ 9++'
&20021',0(16,216
8QLWRI0HDVXUH
PP
0,1
120
0$;
127(
$



$



$
±


$
5()
E



'
'
'















(
(
(



H
%6&
/



3
±
±

±
±
ƒ

±
±

.
6<0%2/
'
'
(
(
H
E
$
$
$
$
'
(
 &
/



3
3




723 9,(:
6,'(9,(:
%277209,(:
3LQ,'
3LQ1RWFK
5
.
.
0$SDG[[PP%RG\/HDG3LWFK
PPPP([SRVHG3DG9HU\7KLQ
)LQH3LWFK4XDG)ODW1R/HDG3DFNDJH 94)1


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com