Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 33Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 34Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 35Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 36Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 37Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 38Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
7.16
Addresses 19 – 29: Negative Threshold (NTHR) / Negative Hysteresis (NHYST)
KEY_n_NTHR: the negative threshold for key n (where n is 0–10).
The negative threshold determines how much the signal must fall (compared to the reference) before a key is
considered to be “In Detect”. This level will generally need to be tuned individually for each key. To disable an
individual key, set the threshold for that key to 0.
KEY_n_NHYST: the negative hysteresis applied to key n detection threshold (where n is
0 – 10).
Negative Hysteresis operates as a “modifier” for the negative threshold in order to provide a greater degree of control
over the detection of a “Touch”. When a key signal is first detected as being under the negative threshold, the
threshold is reduced by a factor corresponding to the selected negative hysteresis. This means that the key will not
go in and out of detection when the signal is on the borderline between drift-compensation or touch detection.
The settings for negative hysteresis are:
00
No change to negative threshold
01
12.5% reduction in negative threshold
10
25% reduction in negative threshold
11
37.5% reduction in negative threshold
Default KEY_n_NTHR value:
10 counts
Default KEY_n_NHYST value:
2 (25 percent)
Table 7-15. Negative Threshold / Negative Hysteresis
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
19
KEY_0_NTHR
KEY_0_NHSYT
20
KEY_1_NTHR
KEY_1_NHSYT
21
KEY_2_NTHR
KEY_2_NHSYT
22
KEY_3_NTHR
KEY_3_NHSYT
23
KEY_4_NTHR
KEY_4_NHSYT
24
KEY_5_NTHR
KEY_5_NHSYT
25
KEY_6_NTHR
KEY_6_NHSYT
26
KEY_7_NTHR
KEY_7_NHSYT
27
KEY_8_NTHR
KEY_8_NHSYT
28
KEY_9_NTHR
KEY_9_NHSYT
29
KEY_10_NTHR
KEY_10_NHSYT


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com