Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 27Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 28Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 29Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 30Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 31Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 32Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
1 = Edge
Acquisition starts when a rising edge is detected at the SYNC pin.
When acquisition and post-processing are completed, the device
sleeps until another rising edge is detected at the SYNC pin.
REPEAT_TIME: selects the “repeat” time when “Timed” is selected as the trigger to start key acquisition. The
number entered is a multiple of 16 ms. If 0 is entered, the device will operate in a continuous free run mode; that is,
the QT1111 will not sleep after its cycle is completed but will begin the next key acquisition cycle immediately.
Default KEY_AC value:
1 (timed)
Default MODE value:
0 (7-key mode)
Default SIGNAL value:
1 (parallel)
Default SYNC value:
1 (edge)
Default REPEAT_TIME value:
2 (32 ms cycle)
7.5
Address 1: Guard Key/Comms Options
GUARD_KEY: specifies the key (0 to 10) to be used as a guard channel (see Section 2.3 on page 7) .
GD_EN: enables the use of a guard key; 0 = disable, 1 = enable.
SPI_EN: enables the Quick SPI interface; 0 = disable, 1 = enable.
See Section 4.1.6 on page 15 for details of the Quick SPI Mode report.
To exit this mode (and clear the SPI_EN bit), the command 0x36 should be sent. To save the settings to EEPROM
and make Quick SPI mode active on startup, send the Store to EEPROM command (0x0A). Any other data sent is
ignored in Quick SPI mode.
CHG: the CHANGE pin mode (see Section 4.5 on page 17):
0 = Data mode. In this mode the CHANGE pin is asserted to indicate unread data.
1 = Touch mode. In this mode the CHANGE pin is asserted when a key is being touched
or is in detect.
CRC: enables or disables CRC; 0 = disable, 1 = enable. When this option is enabled, each data exchange must
have a CRC byte appended.
When report or setup data is being returned by the QT1111, a 1-byte checksum is returned. The host should confirm
that this checksum is correct and, if not, should request the report again.
Where data is being sent by the host, a 1-byte CRC should be sent. The QT1111 returns the expected CRC byte in
the same transaction the CRC byte is sent. In this way, the host can immediately determine whether the setup data
bytes were received correctly.
If the host sends an incorrect CRC following a “Get” command, the QT1111 returns the code “0xEE” to indicate an
error. It then resets the SPI interface. On the next byte exchange 0x55 is transmitted.
Default GUARD_KEY value:
0 (Key 0)
Default GD_EN value:
0 (disabled)
Default CHG value:
0 (data mode)
Default CRC value:
0 (disabled)
Table 7-3.
Guard Key/Comms Options
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
GUARD_KEY
GD_EN
SPI_EN
CHG
CRC


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com