Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 26Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
6.
Report Requests
6.1
Introduction
The host can request reports from the QT1111, as summarized in Table 6-1.
Note that SPI communications are full-duplex, so the host must transmit on the MOSI pin to keep the
communications active, while reading data from the QT1111 on the MOSI pin. Failure to do this within 100 ms will
cause the device to assume that the exchange has been abandoned and reset the SPI interface. The host should
therefore send one or two “NULL” bytes, as appropriate, on the MOSI line as it receives the 1- or 2-byte report data
from the device.
6.2
First Key (0xC0)
This command returns 1-byte report in the format shown in Table 6-2.
DETECT: 0 = no key in detect; 1 = there is a key in detect.
NUMKEY: indicates the number of keys in detect:
0 = only one key is in detect (specified by “KEY_NUM”)
1 = more than one key in detect.
Table 6-1.
Report Requests
Command
Code
Note
Data Returned
Send First Key
0xC0
Returns the first detected key
1 byte
Send All keys
0xC1
Returns all keys
2-byte bitfield
Device Status
0xC2
Returns the device status
1-byte bitfield
EEPROM CRC
0xC3
Returns the EEPROM CRC
1 byte
RAM CRC
0xC4
Returns the RAM CRC
1 byte
Error Keys
0xC5
Returns the error keys
2-byte bitfield
Signal for Key “k”'
0x2k
Returns the signal for key “k”
2-byte number
Reference for Key “k”
0x4k
Returns the reference for key “k”
2-byte number
Status for Key “k”
0x8k
Returns error conditions/touch indication
1 byte
Detect Output States
0xC6
Returns the detect output states
1 byte
Last Command
0xC7
Returns the last command sent to QT1111
1 byte
Setups
0xC8
Returns the setup data
42 bytes
Device ID
0xC9
Returns the device ID
1 byte
Firmware Version
0xCA
Returns the firmware version
1 byte
Table 6-2.
Send First Key Report Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Byte 0
DETECT
NUMKEY
ERROR
KEY_NUM


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com