Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 25Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
The host must wait for at least 320 ms for the operation to be completed before communications can be
re-established.
5.5
Sleep (0x05)
The Sleep command puts the device into sleep mode (see Section 4.3 on page 17).
The host must wait for at least 300 µs after a low signal is applied to the SS or CHANGE pin to wake the device
before communications can be re-established.
5.6
Store to EEPROM (0x0A)
Stores the current RAM contents to the QT1111 internal EEPROM. When the device is reset, it will automatically
reload these settings.
The host must wait for at least 200 ms for the operation to be completed before communications can be
re-established.
5.7
Restore from EEPROM (0x0B)
Settings stored in EEPROM are automatically loaded into RAM when the device is reset. If desired, these settings
can be re-loaded into RAM using the Restore from EEPROM command.
The host must wait for at least 150 ms for the operation to be completed before communications can be
re-established.
5.8
Erase EEPROM (0x0C)
This command erases the settings stored in EEPROM and then resets the QT1111. This causes the QT1111 to
revert to its default settings.
The host must wait for at least 50 ms for the operation to be completed before communications can be
re-established.
Note that under the default settings, the CRC is disabled. By erasing the EEPROM, therefore, the default settings
are restored and the QT1111 is put into non-CRC mode regardless of the previous setting.
5.9
Recover EEPROM (0x0D)
This command “undeletes” the setup data that was previously stored in the device EEPROM and has been erased
using the “Erase EEPROM” command.
Note:
If valid settings have not previously been stored in the device EEPROM, the QT1111 continues to operate
under the default settings.
The host must wait for at least 50 ms for the operation to be completed before communications can be
re-established.
5.10
Calibrate Key (0x1k)
This command recalibrates the key specified by k. For example, to calibrate key 4, the host sends 0x14; to calibrate
key 10, the host sends 0x1A.
The host must wait for at least 300 µs for the operation to be completed before communications can be
re-established.


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com