Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 24Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
5.
Control Commands
5.1
Introduction
The QT1111 control commands are those commands that affect the device operation.
The control commands are listed in Table 5-1 and are described individually in the following sections.
Note:
Commands are implemented immediately upon reception, so a suitable delay is required for the operation to
be completed before communications can be re-established.
5.2
Send Setups (0x01)
This command initiates the upload of the full settings table to the QT1111 (see Section 7. on page 27).
When this command is received, the QT1111 stops key measurement and waits until 42 bytes of setup data have
been received. Key acquisition will restart after all the setup data has been received.
If enabled, a CRC check byte is transmitted (both ways) after the 42 bytes to confirm that they have been received
correctly.
If CRC checking is not enabled, it is recommended that the host request a dump of setup data from the QT1111, and
confirms that the data correctly matches the data sent.
The host must wait for at least 300 µs for the operation to be completed before communications can be
re-established.
5.3
Calibrate All (0x03)
This command initiates the recalibration of all sensor keys.
The host must wait for at least 300 µs for the operation to be completed before communications can be
re-established.
5.4
Reset (0x04)
The Reset command forces the QT1111 to reset. If the setups data is present in the EEPROM, the setups are
loaded into the device. Otherwise default settings are applied.
Table 5-1.
Control Commands
Command
Code
Note
Send Setups
0x01
Configures the device to receive setup data
Calibrate All
0x03
Calibrates all keys
Reset
0x04
Resets the device
Sleep
0x05
Sleep (dead) mode
Store to EEPROM
0x0A
Stores RAM setups to EEPROM
Restore from EEPROM
0x0B
Copies EEPROM setups to RAM (automatically done at startup)
Erase EEPROM
0x0C
Erases EEPROM setups
Recover EEPROM
0x0D
Restores last EEPROM settings (after erase)
Calibrate Key k
0x1k
Calibrates one key (key k)


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com