Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 23Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
4.11
Signal Processing
4.11.1 Detection Integrator
The device features a detection integration mechanism, which acts to confirm a detection in a robust fashion. A per-
key counter is incremented each time the key has exceeded its threshold. When this counter reaches a preset limit
the key is finally declared to be touched. For example, if the DI limit is set to 10, then a key signal must fall by more
than the key threshold, and remain below that level for 10 acquisitions, before the key is declared to be touched.
Similarly, the DI is applied to a key that is going out of detect: it must take 10 acquisitions where the signal has not
exceeded its detect threshold before it is declared to leave touch.
4.11.2 Burst Length Limitations
The maximum burst length is 2048 pulses. The recommended design is to use a capacitor that gives a signal of
<1000 pulses.
The number of pulses in the burst can be obtained by reading the key signal (that is, the number of pulses to
complete measurement of the key signal) over the SPI interface (see Section 6.8 on page 25). Alternatively, a scope
can be used to measure the entire burst, and then the burst length divided by the time for a single pulse.
Note that the keys are independent of each other. It is therefore possible, for example, to have a signal of 100 on one
key and a signal of 1000 on another.
4.11.3 Adjacent Key Suppression Technology
The device includes the Atmel patented Adjacent Key Suppression (AKS) technology to allow the use of tightly
spaced keys on a keypad with no loss of selectability by the user.
AKS is enabled or disabled for each key individually; only one key out of those enabled for AKS may be reported as
touched at any one time. The first key touched dominates and stays in detect until it is released, even if another
stronger key is reported. Once it is released, the next strongest key is reported. If two keys are simultaneously
detected, the strongest key is reported, allowing a user to slide a finger across multiple keys with only the dominant
key reporting touch.
Each key can be enabled for AKS processing via the AKS mask (see Section 7.11 on page 32). Keys outside the
group of enabled keys may be in detect simultaneously.


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com