Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 20Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 21Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 22Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
4.9
Guard Channel Option
The device has a guard channel option (available in all key modes), which allows one key to be configured as a
guard channel to help prevent false detection (see Figure 4-9 on page 19). Guard channel keys should be more
sensitive than the other keys (physically bigger or larger Cs), subject to burst length limitations (see Section 4.11.2
on page 20).
With guard channel enabled, the designated key is connected to a sensor pad which detects the presence of touch
and overrides any output from the other keys using the chip AKS feature. The guard channel option is enabled by the
Guard Key setup byte (see Section 7.5 on page 29).
With the guard channel not enabled, all the keys work normally.
Note:
If a key is already “in detect” when the guard channel becomes active, that key will remain in detect and the
guard key will not activate until the active key goes out of detect.
Figure 4-9.
Guard Channel Example
4.10
Self-test Functions
4.10.1 Internal Hardware Tests
Internal hardware tests check for hardware failure in the device internal memory areas and data paths. Any failure
detected in the function or contents of application ROM, RAM or registers causes the device to reset itself.
The application code is scanned with a CRC check routine to confirm that the application data is all correct.
The RAM and registers are checked periodically (every 10 seconds) for dynamic and static failures.
4.10.2 Functional Checks
Functional checks confirm that the device is operating within expected parameters; any failure detected in these
tests is notified to the system host. The device will continue to operate in the event that such functional failures are
detected.
The functional tests are:
Check that the channel-measurement signals are within the defined range.
Confirm that data stored in the EEPROM is valid.
These tests are carried out as the particular functions are used. For example, the EEPROM is checked when the
device attempts to load data from EEPROM, and the channel signals are checked when a measurement is carried
out.
Note:
If a particular channel is unused, the threshold of that channel should be set to 0 to prevent the incorrect
reporting of the unused channel as being in an error state.
Guard Channel
Formed of One Key
Key Pad Formed
of Six Keys


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com