Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
Byte 0 is a counter that increments from 0 to 254 on successive exchanges to confirm that firmware is
operating correctly.
Bytes 1 – 3 indicate the detect status of channels 0 – 3, 4 – 7 and 8 – 10 respectively (two bits per channel),
as follows:
00 = Channel not in detect
01 = Channel in detect
10 = Not Allowed
11 = Invalid Signal (Channel disabled)
Bytes 4 – 6 indicate the error status of channels 0 – 3, 4 – 7 and 8 – 10 respectively (two bits per channel), as
follows:
00 = No error
01 = Not allowed
10 = Error on channel
11 = Invalid signal (channel disabled)
Successive byte exchanges in Quick SPI mode cycle through the 7 bytes of status information. If synchronization is
lost, the host must either re-synchronize by identifying the incrementing counter byte (byte 0) or pausing
communications for at least 100 ms so the QT1111 will reset its SPI state.
4.1.6.3 Commands in Quick SPI Mode
Only two host commands are recognized under Quick SPI mode. These are shown in Table 4-2.
CRC checking is not implemented in Quick SPI mode for host commands or return data.
4.1.6.4 Quick SPI Mode timing
In Quick SPI mode, the minimum time between byte exchanges is reduced to 100 µS.
If a pause in communications of 100 ms is detected during reading of the 7-byte report, the QT1111 resets the
exchange, and on the next byte read it returns byte 0 of the report.
4.2
Reset
The QT1111 can be reset using one of two methods:
Hardware reset: An external reset logic line can be used if desired, fed into the RESET pin. However, under
most conditions it is acceptable to tie RESET to Vdd.
Software reset: A software reset can be forced using the “Reset” control command.
For both methods, the device will follow the same initialization sequence. If there any saved settings in the
EEPROM, these are loaded into RAM. Otherwise the default settings are applied.
Note:
The SPI interface becomes active after the QT1111 has completed its startup sequence, taking
approximately 320 ms after power on/reset.
Table 4-2.
Host Commands in Quick SPI Mode
Command
Code
Purpose
Store to EEPROM
0x0A
Allows for “Quick SPI mode” to be stored as the default start-up mode
Enable Full SPI
0x36
Enables full SPI mode


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com