Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1111-AU Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT42QT1111-AU
Description  11-key QTouch Touch Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-AU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT42QT1111-AU_14 Datasheet HTML 11Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 17Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 18Page - ATMEL Corporation AT42QT1111-AU_14 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
15
AT42QT1111-MU / AT42QT1111-AU [DATASHEET]
9571C–AT42–05/2013
Figure 4-8.
Positive Recalibration Delay Get Instruction – CRC Enabled
4.1.6
Quick SPI Mode
4.1.6.1 Introduction
In Quick SPI Mode, the QT1111 sends a 7-byte key report at each exchange. No host commands are required over
SPI in this mode; the host clocks the data bytes out in sequence. Quick SPI mode is enabled by setting the SPI_EN
bit in the Comms Options setup byte (see Section 7.5 on page 29).
4.1.6.2 Quick SPI Report
The 7 report bytes are in the format given in Table 4-1.
where:
Host (Sends on MOSI)
Command: 0xD5
Null: 0x00
Null: 0x00
“Get” CRC: 0xA3
Simultaneous
Transmission
Command CRC: 0x68
Response: 0x68 (Expected Command CRC)
“Get” Data: 0x0C (Positive Recalibration Delay)
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)
Table 4-1.
Device Status Report Format
Byte
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
Counter
Counter – increments from 0 to 255
1
Detect status, channels 0 – 3
Channel 3
Channel 2
Channel 1
Channel 0
2
Detect status, channels 4 – 7
Channel 7
Channel 6
Channel 5
Channel 4
3
Detect status, channels 8 – 10
Reserved
Channel 10
Channel 9
Channel 8
4
Error status, channels 0 – 3
Channel 3
Channel 2
Channel 1
Channel 0
5
Error status, channels 4 – 7
Channel 7
Channel 6
Channel 5
Channel 4
6
Error status, channels 8 – 10
Reserved
Channel 10
Channel 9
Channel 8


Similar Part No. - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-AU ATMEL-AT42QT1111-AU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results

Similar Description - AT42QT1111-AU_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com