Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1001 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSDL-1001
Description  Infrared IrDA Compliant Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1001 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSDL-1001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Dimensions (continued)
Option X04
13.21 ± 0.25
(0.52 ± 0.01)
8.75 ± 0.15
(0.345 ± 0.01)
MAX.
1.27 ± 0.15
(0.050 ± 0.01)
(7x)
-C-
0.51 ± 0.08
(0.020 ± 0.003)
(8x)
15.89 ± 0.15
(0.626 ± 0.01)
5.00°
DIMENSIONS IN MILLIMETERS (INCHES).
6.86 ± 0.25
(0.27 ± 0.01)
6.79 ± 0.25
(0.27 ± 0.01)
6.22 ± 0.25
(0.24 ± 0.01)
0.90 ± 0.25
(0.04 ± 0.01)
APPROX.
CG
0.61 ± 0.25
(0.02 ± 0.01)
-B-
5.0° ± 3.5°
1
23456
7
8
6.35 ± 0.25
(0.25 ± 0.010)
3.43 ± 0.25
(0.14 ± 0.010)
3.84
(0.151)
3.43 ± 0.25
(0.14 ± 0.010)
0.76 ± 0.08
(0.030 ± 0.003)
(2x)
5.93 ± 0.25
(0.23 ± 0.01)
4.12 ± 0.15
(0.162 ± 0.006)
COPLANARITY
± 0.076 mm (0.003 INCHES).
0.43 (0.02) MAX.
NOTE:
THE -B- DATUM IS FORMED BY THE
TWO HIGHEST POINTS OF THE COMBINED
SURFACE FORMED BY THIS SURFACE AND
THE CORRESPONDING SURFACE OF THE
SAME LEAD ON THE OPPOSITE SIDE
OF THE PACKAGE.
*X POSITION INDICATES PACKAGING.
0 = TAPE AND REEL.
1 = JEDEC STANDARD ARRAY.
Truth Table
Inputs
Outputs
TXD
EI[1]
SD
IE(LED)
LEDA
RXD
VIH
X
X
High (On)
Low
NV
VIL
EIIH[2]
VIL
Low (Off)
High
Low[3]
VIL
EIIL
VIL
Low (Off)
High
High
VIL
XVIH
Low (Off)
High
High
X = Don’t care
NV = Not Valid
Notes:
1. EI – Irradiance (light intensity) present at detector surface.
2. For in-band IrDA signals
≤ 115 kb/s.
3. RXD Low is a pulsed response. The condition is maintained for a duration dependent
on the pattern and strength of the incident signal.


Similar Part No. - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com