Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1001 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-1001
Description  Infrared IrDA Compliant Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1001 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HSDL-1001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Transmitter Optical
tpw(SD)
1.45
1.7
2.15
µsR
LED = Recommended Value
Pulse Width
2.5 V
≤ V
IH(TXD) ≤ VCC
tpw(TXD) = 1.6 µs
Transmitter Optical
tr(SD)
0.05
0.6
µs
Rise Time
Transmitter Optical
tf(SD)
0.1
0.6
µs
Fall Time
Receiver Pulse
tpw(RXD)
0.5
8.2
µs
For in-band EI
≤ 115.2 Kb/s
Width
Receiver Latency
tL(RXD)
100
200
µs
Time
Receiver Wake-Up
twu(RXD)
40
100
µs
Time
Receiver Shutdown
tsd(RXD)
10
100
µs
Time
Switching Specifications
Specifications hold over 3.0 V
≤ V
CC ≤ 5.5 V and 0 ≤ TA ≤ 70°C and all typicals are at VCC = 5.0 V and TA
= 25
°C unless otherwise specified. Listed conditions represent worst case values for the parameters under
test. Unspecified test conditions can be anywhere in their recommended operating range.
Application Circuit
Component
Recommended Value
RLED
9.1
Ω, ± 5%, 0.5 W, for 4.5 V ≤ V
CC ≤ 5.5 V
3.3
Ω, ± 5%, 0.5 W, for 3.0 V ≤ V
CC ≤ 3.6 V
CX3
0.10
µF ± 22%. XR7 Ceramic, Lead Length ≤ 5 mm.
CX4
4.7
µF minimum. Larger values recommended for
noisy supplies or environments.


Similar Part No. - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com