Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1001 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSDL-1001
Description  Infrared IrDA Compliant Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1001 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HSDL-1001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Receiver Data
Logic Low[2]
VOL(RXD)[1,2]
0.4
V
For in-band EI
≥ 3.6 µ
Output Voltage
W/cm2,
ϕ1/
2 ≤ 15°
Logic High
VOH(RXD)
VCC-0.6
V
Iο = -20 µA, for in-band EI
≤ 0.3 µW/cm2
Receiver Field
Twice Half-
2
ϕ1/
2
30
°
Half-angle,
ϕ1/
2, is the
of View
Angle
angle where receiver
sensitivity = 3.6
µW/cm2.
Receiver Peak
λp(EI)
880
nm
Sensitivity
Wavelength
Effective Detector
0.16
cm2
Area
Transmitter
Logic High
IEH
ILEDA = 240 mA, VI = 2.5 V
Radiant Intensity
Intensity
55
mW/SR
TA = 25°C
44
109
250
mW/SR
0
°C ≤ T
A ≤ 70°C
Peak
λp(IE)
875
nm
Wavelength
Spectral Line
∆λ1/
2
35
nm
Half Width
Transmitter Field
Twice Half-
2
θ1/
2
30
60
°
Half-angle,
θ1/
2, is the angle
of Emission
Angle
where radiant intensity =
44 mW/SR.
Transmitter Data
Logic Low
IIL(TXD)
-1.0
5.0
µA0 ≤ V
I ≤ 0.8 V
Input Current
Logic High
IIH(TXD)
40
100
µAV
I = 2.5 V
125
250
µAV
I = 5.0 V
LED Anode On
VON(LEDA)
2.1
2.50
V
ILEDA = 240 mA,
State Voltage
Tj = 25°C
LED Anode Off
ILK(LEDA)
<0.2
10
µAV
LEDA = VCC = 5.5 V,
State Leakage
VI = 0.3 V
Supply Current
Idle
ICC1
190
260
µAV
CC = 3.6 V
210
290
µAV
CC = 5.5 V,
EI = EIIL, VI (TXD) = VIL
Active
ICC2
0.22
25
mA
VCC = 5.5 V,
Receiver
EI = EIIH, VI(TXD) = VIL
Active
ICC3
10
mA
VCC = 5.5 V,
Transmitter
EI = EIIL, VI(TXD) = VIH
Shutdown
ICC(SD)
3
14
µAV
CC = 3.6 V
520
µAV
CC = 5.5 V,
EI = EIIL, VI(TXD) = VIL,
VSD = VIH
Shutdown
Logic High
IIH(SD)
2.5
10
µAV
CC = 5.5 volts
Input Current
VSD = 5.5 volts
IIH(SD)
2
8
µAV
CC = 3.6 volts
VSD = 3.6 volts
Logic Low
IIL(SD)
-1.0
1
µA
3.0 V
≤ V
CC ≤ 5.5 V
0 V
≤ V
SD ≤ 0.8 V
Notes:
1. Pulsed Response — Logic Low is a pulsed response. A receiver output low state VOL(RXD) is not indefinitely maintained but is instead
a pulsed response. The output low state is maintained for a duration dependent on the incident bit pattern and incident intensity (EI).
2. The EI ≥ 3.6 µW/cm2 condition guarantees the IrDA minimum receiver sensitivity of 4.0 µW/cm2 while allowing for 10% light loss
through a cosmetic window placed in front of the HSDL-1001.
Electrical & Optical Specifications
Specifications hold over 3.0 V
≤ V
CC ≤ 5.5 V and 0°C ≤ TA ≤ 70°C and all typicals are at VCC = 5.0 V and
TA = 25°C unless otherwise specified. Listed conditions represent worst case values for the parameters
under test. Unspecified test conditions can be anywhere in their recommended operating range.


Similar Part No. - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com