Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1001 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSDL-1001
Description  Infrared IrDA Compliant Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1001 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSDL-1001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Conditions
Operating Temperature
TA
070
°C
Supply Voltage
VCC
2.7
5.5
V
Logic High Transmitter
VIH(TXD)
2.5
VCC
V
Input Voltage
Logic Low Transmitter
VIL (TXD)
0.0
0.8
V
Input Voltage
Logic Low Shutdown
VIL(SD)
0.0
0.8
V
Input Voltage
Logic High Shutdown
VIH(SD)
2.5
VCC
V
Input Voltage
Logic High Receiver
EIIH
0.0036
500
mW/cm2
For in-band signals*
Input Irradiance
Logic Low Receiver
EIIL
0.3
µW/cm2 For in-band signals*
Input Irradiance
LED (Logic High) Current
ILEDA
240
mA
For one metre links with daylight filters
Pulse Amplitude
Receiver Set-up Time
200
µs
For full sensitivity after transmitting
Signal Rate RXD
2.4
115
Kp/s
Ambient Light
See IrDA Serial Infrared Physical
Layer Link Specification, Appendix A
for ambient levels.
*Note: An in-band optical signal is a pulse/sequence where the peak wavelength,
λp, is defined as 850 nm ≤ λp ≤ 900 nm, the pulse
repetition rate, PRR, is defined as 2.4 Kp/s
≤ PRR ≤ 115.2 Kp/s and the pulse width, PW, is defined as 1.6 µs ≤ PW ≤ (3/16)/PRR.


Similar Part No. - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com