Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1001 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSDL-1001
Description  Infrared IrDA Compliant Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1001 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSDL-1001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1001 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Pinout
Pin
Description
Symbol
1
Shutdown
SD
2
No Connection
3
Supply Voltage
VCC
4
Receiver Data Output
RXD
5
Ground
Gnd
6
Transmitter Data Input
TXD
7
LED Cathode
LEDC
8
LED Anode
LEDA
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
-20
85
°C
Operating Temperature
TA
070
°C
Lead Solder Temperature
260
°C
For 10 s (1.6mm below seating plane)
Average LED Current
ILED (DC)
100
mA
Repetitive Pulsed LED
ILED (RP)
500
mA
≤ 90 µs Pulse Width,
Current
≤ 20% Duty Cycle
Peak LED Current
ILED (PK)
1.0
A
≤ 2 µs Pulse Width,
≤ 10% Duty Cycle
LED Anode Voltage
VLEDA
-0.5
7.0
V
LED Cathode Voltage
VLEDC
-0.5
VLEDA
V
Supply Voltage
VCC
0
7.0
V
Transmitter Data Input
VTXD
-0.5
VCC, 5.5
V
Voltage
Receiver Data Output
VRXD
-0.5
(VCC + 0.5), 5.5
V
Voltage
Shutdown
VSD
-0.5
VCC, 5.5
V


Similar Part No. - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1001

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com