Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1000 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSDL-1000
Description  Infrared IrDA Compliant Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1000 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSDL-1000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
4-42
MIL-STD-883
Units
Total
Test Name
Reference
Test Conditions
Tested
Failed
Solder Heat (IR Profile)
See absolute profile
60
0
Solder Heat Resistance
3 times thru IR Profile + 20 Temp. Cycles
60
0
Solder Rework Cycle
Solder iron tip temp. 370
°C/700°F17
0
Time per lead 1 second
# of rework cycles = 4
Temperature Cycle
1010
-40
°C to +100°C, Dwell = 15 Minutes
Transfer = 5 Minutes
20 Cycles
120
0
100 Cycles
120
0
Power Temp. Cycle
-40
°C/+100°C, Dwell = 15 minutes,
60
0
Transfer = 5 Minutes, VCC = 5 Vdc,
If = 100 mAdc, LED On/Off = 1 Second
Total Cycles = 35
Mechanical Shock
2002
2 Blows each X1, X2, Y1, Y2, Z1, Z2
10
0
Condition B
1500 G’s, 0.5 msec Pulse
Vibration Variable
2007
(4) 4 Minute Cycles, X, Y, Z
10
0
Frequency
Condition A
at 50 G’s Min., 20 to 2,000 Hz
Resistance to Solvents
2015
3 one minute immersion
20
0
Brush after solvent
High Temp. Operating
TA= 70°C, If = 100 mAdc, VCC = 5 Vdc,
60
0
Life
Time = 500 hours
Low Temp. Opearting Life
TA = 0°C, If = 100 mAdc, VCC = 5 Vdc
60
0
Time = 500 hours
Wet Operating Life
TA = 35°C, R.H., = 85% If = 100 mAdc
60
0
VCC = 5 VCC, Time = 500 hours
ESD - Human Body Model
3015
RI = 1500 Ohms, C = 100
µF10
0
Level = 4000 V
ESD - Machine Model
EIAJ
Rload = 0 Ohms, C = 200
µF10
0
Level = 300 V
HSDL-1000 Reliability
Test Results
Rx TH+ (Receiver On-
Threshold)
The maximum receiver on-
threshold is equivalent to the
minimum receiver sensitivity.
Both are terms for the amount of
light signal which must be present
at the HSDL-1000 detector in
order to trigger a low pulse on the
receiver output (RXD). The IrDA
Physical Layer Specification
requires a minimum receiver
sensitivity of 4.0
µW/cm2, at a Bit
Error Rate of 10-9, and in the
presence of the 10 klux of
sunlight, 0-1000 lux of fluorescent
light, or 0-1000 lux of incandes-
cent light. The fluorescent and
incandescent specifications
require minimum receiver
sensitivity with 1000 lux incident
onto the horizontal surface of the
IR link. The resulting amount of
fluorescent or incandescent light
actually reaching the detector
surface may vary between 0 and
500 lux depending upon the
design of the housing around the
HSDL-1000 module.
The HSDL-1000 VOL(RXD)
specification guarantees a
maximum receiver on-threshold
of EI = 3.6
µW/cm2, at a
BER
≤ 10-9, and T
A = 0-70°C. The
EI = 3.6
µW/cm2 threshold
guarantees the IrDA minimum
receiver sensitivity of 4.0
µW/cm2,
while allowing for 10% light loss
through a cosmetic window
placed in front of the HSDL-1000.
The EI = 3.6
µW/cm2 threshold
also guarantees receiver sensitivity
with 10 klux of sunlight,
0-500 lux fluorescent light, or
0-500 lux of incandescent light
incident on the HSDL-1000
detector surface.
Note: At the time of this publication, Light Emitting Diodes (LEDs) that are contained in this product are regulated for eye safety in
Europe by the Commission for European Electrotechnical Standardization (CENELEC) EN60825-1. Please refer to Application Briefs
I-008, I-009, I-015 for more information.


Similar Part No. - HSDL-1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1000

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com