Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-1000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-1000
Description  Infrared IrDA Compliant Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-1000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-1000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-1000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-33
H
Infrared IrDA
® Compliant
Transceiver
Technical Data
5964-9641E
HSDL-1000
Features
• Low Cost Infrared Data Link
• Guaranteed to Meet IrDA
Physical Layer Specifications
1 cm to 1 Meter Operating
Distance
30
° Viewing Angle
2.4 KBd to 115.2 KBd Data
Rate
• Daylight Cancellation
• Easily Implemented Direct
Connection to Various I/O
Chips
• Small Form Factor
• Several Lead and Shipping
Configurations Available
• Excellent EMI Immunity
(> 10 V/m)
Applications
• Data Comm: Serial Data
Transfer Between:
Notebook Computers
Subnotebooks
operate from 0 to 1 meter at a
data rate of 115.2 Kbd per second
at a 30
° viewing angle.
The HSDL-1000 contains a high
speed, high efficiency TS AlGaAs
875 nm LED, a PIN Silicon photo-
diode and an integrated circuit.
The IC contains an LED driver,
amplifiers and a quantizer.
The module is designed to inter-
face directly with selected I/O
chips that incorporate logic which
performs pulse width modulation/
demodulation.
Schematic
VPIN
+
CX2
GND
VCC
GND
V+
RXD
TXD
RI
CX1
RXD
TXD
CX2
CX3
CX4
COMPARATOR
PHOTODIODE
VPIN
LED
LED C
LED A
RLED
V+
PIN ONE
PIN ONE
BUTTRESS
LEAD*
* SIDE BUTTRESS LEADS ARE FOR MECHANICAL STABILITY AND
SHOULD NOT BE CONNECTED TO ANY ELECTRICAL POTENTIAL.
PIN ONE
INDICATOR
HP
1000
YYWW
Desktop PCs
PDAs
Printers
Other Peripheral Devices
• Telecom:
Modem, Fax, Pager, Phone
• Industrial:
Data Collection Devices
• Medical:
Patient and Pharmaceutical
Data Collection
Description:
The HSDL-1000 serial infrared
module performs low cost, low
power, point-to-point, through the
air data transfer in a serial, half-
duplex mode.
The module has been designed to
the IrDA (Infrared Data Associa-
tion) Physical Layer Specifica-
tions. The module is designed to


Similar Part No. - HSDL-1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
More results

Similar Description - HSDL-1000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
Infrared IrDA Compliant Transceiver
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
Infrared IrDA Compliant Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com