Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL1414 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HPDL1414
Description  Four Character Smart Alphanumeric Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPDL1414 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HPDL1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3-185
Display Blank HPDL-2416
As shown in Figure 4, the display
will be blanked if the blanking
input (BL) is held low. Note that
the display will be blanked
regardless of the state of the chip
enables (CE1, CE2) or write (WR)
inputs. The ASCII data stored in
the display and the cursor
memory are not affected by the
blanking input. ASCII data and
cursor data can be stored even
while the blanking input (BL) is
low. Note that while the blanking
input (BL) is low, the clear (CLR)
function is inhibited. A flashing
display can be obtained by
applying a low frequency square
wave to the blanking input (BL).
Because the blanking input (BL)
also resets the internal display
multiplex counter, the frequency
applied to the blanking input
(BL) should be much slower than
the display multiplex rate. Finally,
dimming of the display through
the blanking input (BL) is not
recommended.
For further application informa-
tion please consult Application
Note 1026.
Optical Considerations/
Contrast Enhancement
The HPDL-1414 and HPDL-2416
displays use a precision aspheric
immersion lens to provide
excellent readability and low off-
axis distortion. For the HPDL-
1414, the aspheric lens produces
a magnified character height of
2.85 mm (0.112 in.) and a
viewing angle of
± 40°. For the
HPDL-2416, the aspheric lens
produces a magnified character
height of 4.1 mm (0.160 in.) and
a viewing angle of
± 50°. These
features provide excellent
readability at distances up to 1.5
metres (4 feet) for the HPDL-
1414 and 2 metres (6 feet) for
the HPDL-2416.
Each HPDL-1414/2416 display is
tested for luminous intensity and
marked with an intensity category
on the side of the display
package. To ensure intensity
matching for multiple package
applications, mixing intensity
categories for a given panel is not
recommended.
The HPDL-1414/2416 display is
designed to provide maximum
contrast when placed behind an
appropriate contrast enhance-
ment filter. For further informa-
tion on contrast enhancement,
see Hewlett-Packard Application
Note 1015.
Mechanical and Electrical
Considerations
The HPDL-1414/2416 are dual in-
line packages that can be stacked
horizontally and vertically to
create arrays of any size. These
displays are designed to operate
continuously between -40
°C to
+85
°C with a maximum of 10
segments on per digit.
During continuous operation of
all four Cursors the operating
temperature should be limited to
-40
°C to +55°C. At temperatures
above +55
°C, the maximum
number of Cursors illuminated
continuously should be reduced
as follows: No Cursors illumin-
ated at operating temperatures
above 75
°C. One Cursor can be
illuminated continuously at
operating temperatures below
75
°C. Two Cursors can be
illuminated continuously at
operating temperatures below
68
°C. Three Cursors can be
illuminated continuously at
operating temperatures below
60
°C.
The HPDL-1414/2416 are assem-
bled by die attaching and wire
bonding the four GaAsP/GaAs
monolithic LED chips and the
CMOS IC to a high temperature
printed circuit board. An
immersion lens is formed by
placing the PC board assembly
into a nylon lens filled with
epoxy. A plastic cap creates an
air gap to protect the CMOS IC.
Backfill epoxy environmentally
seals the display package. This
package construction provides
the display with a high tolerance
to temperature cycling.
The inputs to the CMOS IC are
protected against static discharge
and input current latchup.
However, for best results
standard CMOS handling
precautions should be used. Prior
to use, the HPDL-1414/2416
should be stored in anti-static
tubes or conductive material.
During assembly a grounded
conductive work area should be
used, and assembly personnel
should wear conductive wrist
straps. Lab coats made of
synthetic material should be
avoided since they are prone to
static charge build-up. Input
current latchup is caused when
the CMOS inputs are subjected
either to a voltage below ground
(VIN < ground) or to a voltage
higher than VDD (VIN > VDD) and
when a high current is forced into
the input. To prevent input
current latchup and ESD damage,
unused inputs should be
connected either to ground or to
VDD. Voltages should not be
applied to the inputs until VDD
has been applied to the display.
Transient input voltages should
be eliminated.


Similar Part No. - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
Built-in input protection diodes
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
More results

Similar Description - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com