Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL1414 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HPDL1414
Description  Four Character Smart Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPDL1414 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HPDL1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3-184
Display Clear HPDL-2416
As shown in Figure 4, the ASCII
data stored in the display will be
cleared if the clear (CLR) is held
low and the blanking input (BL)
is held high for 4 ms minimum.
The cursor memory is not
affected by the clear (CLR) input.
Cursor characters can be stored
or removed even while the clear
(CLR) is low. Note that the
display will be cleared regardless
of the state of the chip enables
(CE1, CE2). However, to ensure
that all four display characters
are cleared, CLR should be held
low for 4 ms following the last
write cycle.
Function
BL CLR
CUE
CU
CE1
CE2
WR
DIG3
DIG2
DIG1
DIG0
CUE
H
H
L
XXXX
Display previously written data
H
H
H
XXXX
Display previously written cursor
Clear
H
L
XXXXX
Clear data memory, cursor memory
unchanged
*NOTE: CLR should be held low for 4 ms
following the last WRITE cycle to ensure
all data is cleared.
Blanking
L
X
XXXXX
Blank display, data and cursor"
memories unchanged.
Figure 4a. Cursor/Data Memory Write Truth Table.
Figure 4b. Displayed Data Truth Table.
ensure that the correct data is
stored in the display. If D0 is in a
low state during the write cycle,
then a cursor character will be
removed at the indicated
location. If D0 is in a high state
during the write cycle, then a
cursor character will be stored at
the indicated location. The
presence or absence of a cursor
character does not affect the
ASCII data stored at that location.
Again, when A1 = A0 = 0, the
cursor character is stored in the
furthest right-hand display
location.
All stored cursor characters are
displayed if the cursor enable
(CUE) is high. Similarly, the
stored ASCII data words are
displayed, regardless of the
cursor characters, if the cursor
enable (CUE) is low. The cursor
enable (CUE) has no effect on the
storage or removal of the cursor
characters within the display. A
flashing cursor is displayed by
pulsing the cursor enable (CUE).
For applications not requiring a
cursor, the cursor enable (CUE)
can be connected to ground and
the cursor select (CU) can be
connected to VCC. This inhibits
the cursor function and allows
only ASCII data to be loaded into
the display.
*
L = LOGIC LOW INPUT
“a” = ASCII CODE CORRESPODING TO SYMBOL “
H = LOGIC HIGH INPUT
NC = NO CHANGE
X = DON’T CARE
= CURSOR CHARACTER (ALL SEGMENTS ON)
Function
BL CLR CUE CU
CE1
CE2
WR
A1
A0
D6
D5
D4
D3
D2
D1
D0
DIG3 DIG2 DIG1 DIG0
Write
L
X
X
H
L
L
L
L
L
a
a
aaaa
a
NC
NC
NC
Data
-OR-
L
H
b
b
bbbb
b
NC
NC
NC
Memory
X
H
X
H
L
L
L
H
L
c
c
cccc
c
NC
NC
NC
H
H
d
d
dddd
d
NC
NC
NC
Disable
X
X
X
H
X
X
H
X
X
X
X
XXXX
X
Previously Written
Data
X
X
X
H
X
H
X
Data
Memory
X
X
X
H
H
X
X
Write
Write
X
X
X
L
L
L
L
L
L
X
X
XXXX
H
NC
NC
NC
Cursor
L
H
X
X
XXXX
H
NC
NC
NC
H
L
X
X
XXXX
H
NC
NC
NC
H
H
X
X
XXXX
H
NC
NC
NC
Clear
X
X
X
L
L
L
L
L
L
X
X
XXXX
L
NC
NC
NC
Cursor
L
H
X
X
XXXX
L
NC
NC
NC
H
L
X
X
XXXX
L
NC
NC
NC
H
H
X
X
XXXX
L
NC
NC
NC
Disable
X
X
X
L
X
X
H
X
X
X
X
XXXX
X
Previously Written
Cursor
X
X
X
L
X
H
X
Cursor
Memory
X
X
X
L
H
X
X


Similar Part No. - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
Built-in input protection diodes
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
More results

Similar Description - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com