Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL1414 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HPDL1414
Description  Four Character Smart Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPDL1414 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HPDL1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3-181
Electrical Description
Display Internal Block
Diagram HPDL-1414
Figure 1 shows the internal block
diagram of the HPDL-1414. It
consists of two parts: the display
LEDs and the CMOS IC. The
CMOS IC consists of a four-word
ASCII memory, a 64-word charac-
ter generator, 17 segment drivers,
four digit drivers, and the
scanning circuitry necessary to
multiplex the four monolithic
LED characters. In normal
operation, the divide-by-four
counter sequentially accesses
each of the four RAM locations
and simultaneously enables the
appropriate display digit driver.
The output of the RAM is decoded
by the character generator which,
in turn, enables the appropriate
display segment drivers. Seven-
bit ASCII data is stored in RAM.
Since the display uses a 64-
character decoder, half of the
possible 128 input combinations
are invalid. For each display
location where D5 = D6 in the
ASCII RAM, the display character
is blanked.
Data Entry HPDL-1414
Figure 2 shows a truth table for
the HPDL-1414. Data is loaded
into the display through the
DATA inputs (D6-D0), ADDRESS
inputs (A1-A0), and WRITE (WR).
After a character has been
written to memory, the IC
decodes the ASCII data, drives
the display and refreshes it
without any external hardware or
software.
Figure 1. HPDL-1414 Internal Block Diagram.


Similar Part No. - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
Built-in input protection diodes
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
More results

Similar Description - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
Four Character Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com