Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPDL1414 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HPDL1414
Description  Four Character Smart Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPDL1414 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HPDL1414 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPDL1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3-179
AC Timing Characteristics over Operating Temperature Range at VCC = 4.5 V
Parameter
Symbol
-20
°C t
MIN
25
°C t
MIN
70
°C t
MIN
Units
Address Setup Time
tAS
90
115
150
ns
Write Delay Time
tWD
10
15
20
ns
Write Time
tW
80
100
130
ns
Data Setup Time
tDS
40
60
80
ns
Data Hold Time
tDH
40
45
50
ns
Address Hold Time
tAH
40
45
50
ns
Chip Enable Hold Time[1]
tCEH
40
45
50
ns
Chip Enable Setup Time[1]
tCES
90
115
150
ns
Clear Time[1]
tCLR
2.4
3.5
4.0
ms
Access Time
130
160
200
ns
Refresh Rate
420-790
310-630
270-550
Hz
Note:
1. HPDL-2416 only.
Timing Diagram


Similar Part No. - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
   Built-in input protection diodes
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results

Similar Description - HPDL1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com