Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR-5527 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
166
HFBR-5527
125 MBd Data Link
Data link operating conditions
and performance are specified for
the transmitter and receiver in
the recommended applications
circuits shown in Figure 1. This
circuit has been optimized for
125 MBd operation. The
Applications Engineering
Department in the Hewlett-
Recommended Operating Conditions for the Circuits in Figures 1 and 2.
Parameter
Symbol
Min.
Max.
Unit
Note
Ambient Temperature
TA
070
°C
Supply Voltage
VCC
+4.75
+5.25
V
Data Input Voltage - Low
VIL
VCC –1.89
VCC –1.62
V
Data Input Voltage - High
VIH
VCC –1.06
VCC –0.70
V
Data Output Load
RL
45
55
1
Signaling Rate
fS
1
125
MBd
Duty Cycle
D.C.
40
60
%
2
Link Performance: 1-125 MBd, BER
≤ 10-9, under recommended operating conditions with
recommended transmit and receive application circuits.
Parameter
Symbol
Min.[3]
Typ.[4]
Max.
Unit
Condition
Note
Optical Power Budget, 1 m POF
OPBPOF
11
16
dB
5, 6, 7
Optical Power Margin,
OPMPOF,20
3
6
dB
5, 6, 7
20 m Standard POF
Link Distance with
1
20
27
m
Standard 1 mm POF
Optical Power Margin,
OPMPOF,25
3
6
dB
5, 6, 7
25 m Low Loss POF
Link Distance with Extra
1
25
32
m
Low Loss 1 mm POF
Optical Power Budget, 1 m HCS
OPBHCS
12
dB
5, 6, 7
Optical Power Margin, 100 m HCS
OPMHCS,100
6
dB
5, 6, 7
Link Distance with HCS cable
1
125
m
Notes:
1. If the output of U4C in Figure 1, page 4 is transmitted via coaxial cable, terminate with a 50
Ω resistor to VCC - 2 V.
2. Run length limited code with maximum run length of 10
µs.
3. Minimum link performance is projected based on the worst case specifications of the transmitter, receiver, and POF cable, and the
typical performance of other components (e.g., logic gates, transistors, resistors, capacitors, quantizer, HCS cable).
4. Typical performance is at 25
°C, 125 MBd, and is measured with typical values of all circuit components.
5. Standard cable is HFBR-RXXYYY plastic optical fiber, with a maximum attenuation of 0.24 dB/m at 650 nm and NA = 0.5.
Extra low loss cable is HFBR-EXXYYY plastic optical fiber, with a maximum attenuation of 0.19 dB/m at 650 nm and NA = 0.5.
HCS cable is HFBR-H/VXXYYY glass optical fiber, with a maximum attenuation of 10 dB/km at 650 nm and NA = 0.37.
6. Optical Power Budget is the difference between the transmitter output power and the receiver sensitivity, measured after
1 meter of fiber. The minimum OPB is based on the limits of optical component performance over temperature, process, and
recommended power supply variation.
7. The Optical Power Margin is the available OPB after including the effects of attenuation and modal dispersion for the minimum
link distance: OPM = OPB - (attenuation power loss + modal dispersion power penalty). The minimum OPM is the margin
available for long term LED LOP degradation and additional fixed passive losses (such as in-line connectors) in addition to the
minimum specified distance.
Packard Optical Communication
Division is available to assist in
optimizing link performance for
higher or lower speed operation.


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
Fiber Optic Connection System
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com