Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
176
HFBR-5527
Mechanical Dimensions
Printed Circuit Board Layout Dimensions
4.39
20.3
9
10
1
2
3
4
5
6
7
8
1.11
2.54 (0.100)
1.01 (0.040) DIA.
TOP VIEW
PIN NO.
ELECTRICAL PIN FUNCTIONS
1
2
3
4
5
6
7
8
9
10
RX OUT
RX GND
RX GND
RX VCC
TX GND*
TX GND*
ANODE
CATHODE
CASE GND
CASE GND
*NO INTERNAL CONNECTION
CAUTION:
THIS PACKAGE IS MADE
OF CONDUCTIVE PLASTIC.
PLEASE TAKE THIS INTO
ACCOUNT WHEN
INCORPORATING THIS
PACKAGE INTO INTRINSICALLY
SAFE APPLICATIONS.
NOTE:
DIMENSIONS IN MILLIMETERS
AND (INCHES).
16
22
4.39
8.5
0.3
3.5
5.76
5.85
0.51
0.64
20
2.54
2.11
1
4.4
10.16
ALL DIMENSIONS IN MILLIMETERS (INCHES).
ALL DIMENSIONS ± 0.25 mm
UNLESS OTHERWISE SPECIFIED.


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
Fiber Optic Connection System
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com