Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
174
The HFBR-5527 is typically used
to construct 125 MBd digital
fiber-optic receivers which use
the same +5 volt power supply
that powers the host system’s
microprocessors, CMOS logic, or
TTL logic. To build a digital
receiver, the analog HFBR-5527
component must be connected to
a post amplifier and a compara-
tor. This post amplifier plus
comparator function is commonly
known as a quantizer. The 0 V
common and +5 V power supply
connections for the HFBR-5527
and quantizer must be isolated
from the host system’s power and
ground planes by a low pass
filter. This recommended low pass
filter assures that the electrical
noise normally present in the
host system’s digital logic power
supply will not reduce the
sensitivity of fiber-optic receivers
implemented with the
HFBR-5527. The quantizer and
power supply filter circuits
recommended for use with the
HFBR-5527 are shown in
Figure 7 of HP Application
Note 1066. For optimum
performance, the HFBR-5527
should be used with the same
quantizer and power supply
filters recommended for use with
HP’s HFBR-15X7 and
HFBR-25X6 components. To
maximize immunity to electrical
Figure 9. Recommended Power Supply Filter Circuit.
noise, pins 3, 9, and 10 of the
HFBR-5527 should be connected
to filtered receiver common. For
best common mode noise
rejection, the connections
between pins 1 and 2 of the
HFBR-5527 and the quantizer’s
differential input should be of
equal length, and the components
in both traces should be placed to
achieve symmetry. The preceding
recommendations minimize the
cross talk between the fiber-optic
transmitter and receiver. These
recommendations also improve
the fiber-optic receiver’s
immunity to environmental noise
and the host system’s electrical
noise.
VCC
0.1 µF
0.47 µF
4.7
4.7
RX
ANALOG
OUTPUT
1
4
9
10
2.3
RECEIVER


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
Fiber Optic Connection System
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com