Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5527 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-5527 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
165
125 Megabaud Fiber Optic
Transceiver
JIS FO7 Connection
Technical Data
Features
• Data Transmission at Signal
Rates of 1 to 125 MBd over
Distances up to 100 Meters
• Compatible with Duplex JIS
FO7 and Simplex JIS FO5
Connectors
• Specified for Use with
Plastic Optical Fiber (POF),
and with Large Core Silica
Fiber (HCS®)
• Transmitter and Receiver
Application Circuit
Schematics Available
• Conductive Plastic Housing
Provides Electrical Shield
Applications
• Intra-System Links: Board-
to-Board, Rack-to-Rack
• High Voltage Isolation
• Telecommunications
Switching Systems
• Computer-to-Peripheral Data
Links, PC Bus Extension
• Industrial Control Networks
• Proprietary LANs
• Digitized Video
• Medical Instruments
• Immune to Lightning and
Voltage Transients
Description
The 125 MBd transceiver is a
cost-effective fiber-optic solution
for transmission of 125 MBd data
up to 100 meters with HCS®
fiber. The data link consists of a
650 nm visible, red LED trans-
mitter and a PIN/preamp receiver.
These can be used with low-cost
plastic or hard clad silica fiber.
One millimeter diameter plastic
fiber provides the lowest cost
solution for distances under 25
meters. The lower attenuation of
HCS® fiber allows data transmis-
sion over longer distance. These
components can be used for high
speed data links without the
problems common with copper
wire solutions.
The transmitter is a high power
650 nm LED. Both transmitter
and receiver are molded in one
housing which is compatible with
the FO7 connector. This con-
nector is designed to efficiently
couple the power into POF or
HCS® fiber.
HFBR-5527
With the recommended drive
circuit, the LED operates at
speeds from 1-125 MBd. The
analog high bandwidth receiver
contains a PIN photodiode and
internal transimpedance
amplifier. With the recommended
application circuit for 125 MBd
operation, the performance of the
complete data link is specified for
0-25 meters with plastic fiber. A
wide variety of other digitizing
circuits can be combined with the
HFBR-5527 Series to optimize
performance and cost at higher or
lower data rates.
HCS® is a registered trademark of Spectran Corporation.
5965-7092E (5/97)


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
Fiber Optic Connection System
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Glenair, Inc.
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com